Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 80 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 76Page - STMicroelectronics STLC5465B Datasheet HTML 77Page - STMicroelectronics STLC5465B Datasheet HTML 78Page - STMicroelectronics STLC5465B Datasheet HTML 79Page - STMicroelectronics STLC5465B Datasheet HTML 80Page - STMicroelectronics STLC5465B Datasheet HTML 81Page - STMicroelectronics STLC5465B Datasheet HTML 82Page - STMicroelectronics STLC5465B Datasheet HTML 83Page - STMicroelectronics STLC5465B Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
HDI
: HDLC INIT
HDI = 1, TSA Memory, Tx HDLC, Tx DMA, Rx HDLC, Rx DMA and GCI controllers are reset
within 250ms. An automate writes data from Time slot Assigner Data Register (TADR) (except
CH0/4 bits) into each TSA Memory location. If the microprocessor reads Time slot Assigner
Memory after HDLC INIT, CH0/4 bits of Time slot Assigner Data Register are identical to TS0/4
bits of Time slot Assigner Address Register.
HDI = 0, Normal state.
N.B.
After software reset (bit 2 of IDCR Register) or pin reset the automate above-mentioned is
working. The automate is stopped when the microprocessor writes TAAR Register with HDI = 0.
VIII.12 - Time Slot Assigner Data Register - TADR (16)H
bit15
bit8
bit7
bit 0
V11
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
CH4
CH3
CH2
CH1
CH0
After reset (0000)H
CH0/4 : CHANNEL0/4
These five bits define one of 32 channels associated to TIME SLOT defined by the previous
Register (TAAR).
V1/8
: VALIDATION
The logical channel CHx is constituted by each subchannel 1 to 8 and validated by V1/8 bit at
1 respectively.
V1 to V8 at 0: the subchannels are ignored
V1 at 1: the first bit of the current time slot is taken into account in reception the first bit received
and in transmission the first bit transmitted.
V8 at 1: the last bit of the current time slot is taken into account in reception the last bit received
and in transmission the last bit transmitted in transmission.
V9
: VALIDATION SUBCHANNEL
V 9 = 1, each V1/8 bit is taken into account once every 250ms.
In transmit direction, data is transmitted consecutively during the time slot of the current frame
and during the same time slot of the next frame.Id est.: the same data is transmitted in two
consecutive frames.
In receive direction, HDLC controller fetches data during the time slot of the current frame and
ignores data during the same time slot of the next frame.
V 9 = 0, each V1/8 bit is taken into account once every 125ms.
V10
: DIRECT MHDLC ACCESS
If V10 = 1, the Rx HDLC Controller receives data issued from DIN8 input during the current time
slot (bits validated by V1/8) and DOUT6 output transmits data issued from the Tx HDLC
Controller.
If V10 = 0, the Rx HDLC Controller receives data issued from the matrix output 7 during the
current time slot ; DOUT6 output delivers data issued from the matrix output 6 during the same
current time slot.
N.B : If D7 = 1, (see ”General Configuration Register GCR (02)H”) the Tx HDLC controller is
connected to matrix input 7 continuously so the HDLC frames can be sent to any DOUT (i.e.
DOUT0 to DOUT7).
V11
: VALIDATION of CB pin
This bit is not taken into account if CSMA = 1 (HDLC Transmit Command Register).
if CSMA = 0 :
V11 = 1, Contention Bus pin is validated and Echo pin (which is an input) is not taken into
account.
V11 = 0, Contention Bus pin is high impedance during the current time slot (This pin is an open
drain output).
VIII - INTERNAL REGISTERS (continued)
STLC5465B
80/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com