Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 58 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 54Page - STMicroelectronics STLC5465B Datasheet HTML 55Page - STMicroelectronics STLC5465B Datasheet HTML 56Page - STMicroelectronics STLC5465B Datasheet HTML 57Page - STMicroelectronics STLC5465B Datasheet HTML 58Page - STMicroelectronics STLC5465B Datasheet HTML 59Page - STMicroelectronics STLC5465B Datasheet HTML 60Page - STMicroelectronics STLC5465B Datasheet HTML 61Page - STMicroelectronics STLC5465B Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 101 page
background image
NCS0/1
NDSACK0/
DTACK /
NREADY
NA S/
ALE
ND S/
NRD
D0/15
R/W /
NWR
AD0/15
t2
t4
t7
t8
t12
t9
t10
t3
t1
Figure 47 : ST10 (C16x) Write Cycle; Demultiplexed A/D
Symbol
Parameter
Min.
Typ.
Max.
Unit
t1
Delay Not Ready/NWR (if NCS0/1 = 0), (30pF)
Delay when immediate access
VDD =5V
V DD = 3.3V
0
98
108
ns
ns
ns
t2
Hold Time Chip Select / NRD
10
ns
t3
Delay Not Ready / NWR rising edge
Delay when immediate access
VDD =5V
V DD = 3.3V
0
98
108
ns
ns
ns
t4
Width ALE
20
ns
t7
Set up time Data/NWR
-15
ns
t8
Hold time Data/NWR
15
ns
t9
Set-up Time NBHE, Address AD0/15, A16/23/ALE
5
ns
t10
Hold Time NBHE, Address AD0/15, A16/23 NWR
10
ns
t12
Delay NWR / NCS
0
ns
VII - MICROPROCESSOR TIMING (continued)
STLC5465B
58/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com