Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 67 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 63Page - STMicroelectronics STLC5465B Datasheet HTML 64Page - STMicroelectronics STLC5465B Datasheet HTML 65Page - STMicroelectronics STLC5465B Datasheet HTML 66Page - STMicroelectronics STLC5465B Datasheet HTML 67Page - STMicroelectronics STLC5465B Datasheet HTML 68Page - STMicroelectronics STLC5465B Datasheet HTML 69Page - STMicroelectronics STLC5465B Datasheet HTML 70Page - STMicroelectronics STLC5465B Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
VII - MICROPROCESSOR TIMING (continued)
1/f
a
t
S
t
H
TRO
TRI
MASTER CLOCK
(applie d to XTAL1 Pin)
a
Figure 56 : Token Ring
VII.8 - Token Ring Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
f
f : Masterclock frequency
32.768
MHz
a
Delay between Masterclock Rising Edge and Edges of TRO Pulse
delivered by the MHDLC (10pF)
VDD =5V
V DD = 3.3V
25
30
ns
ns
tS
Set-up Time TRI/Masterclock Masterclock Falling Edge
5
ns
tH
Hold Time TRI/Masterclock Falling Edge
5
0
ns
VII.9 - Master Clock Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
f
Masterclock Frequency
30
32.768
33
MHz
1/f
Masterclock Period
30.3
30.5
33.3
ns
tH
Masterclock High
12
ns
tL
Masterclock Low
12
ns
1/f
t
H
t
L
MASTER CLOCK
(applied to XTAL1 Pin)
Figure 57 : Master Clock
Crystal parameters:
a) frequency
f (typically 32768.00 kHz)
b) Mode
fundamental
c) Resonance
parallel
d) Load Capacity
Cl= 30pF
in accordance with 2 capacitors (47 pF each of
them) the first capacitor is soldered nearest pin 2
(XTAL1) and nearest the ground, the second ca-
pacitor is soldered nearest pin 3 (XTAL2) and
nearest the ground.
e) Serial resistor
40 Ohms max
To reduce the drive level, the Crystal parameters
can be:
a) frequency
f (typically 32768.00 kHz)
b) Mode
fundamental
c) Resonance
parallel
d) Load Capacity
Cl = 20pF
in accordance with 2 capacitors (33 pF each of
them)
e) Serial resistor
40 Ohms max
N.B It is not necessary to add an external bias
resistor between XTAL1 pin and XTAL2 pin. This
resistor is inside the circuit.
STLC5465B
67/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com