Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 76 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 72Page - STMicroelectronics STLC5465B Datasheet HTML 73Page - STMicroelectronics STLC5465B Datasheet HTML 74Page - STMicroelectronics STLC5465B Datasheet HTML 75Page - STMicroelectronics STLC5465B Datasheet HTML 76Page - STMicroelectronics STLC5465B Datasheet HTML 77Page - STMicroelectronics STLC5465B Datasheet HTML 78Page - STMicroelectronics STLC5465B Datasheet HTML 79Page - STMicroelectronics STLC5465B Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
VIII - INTERNAL REGISTERS (continued)
TABLE: SWITCHING AT 16KB/S when ITS3 =1
S1
S0
ITS 3 ITS 2 ITS 1 ITS 0
Upstream
Source: D channels of one of 16
GCI channels
Destination: two bits of one TDM
Downstream
Source: two bits of one TDM
Destination: D channels of one of 16
GCI channels
10
1
1
00
The contents of D channels of GCI
0 /3 of multiplex DIN4 are transferred
into the output timeslot of one TDM
defined by the destination register
(CMAR).
D channel of GCI 0 in bit 7/8
D channel of GCI 1 in bit 5/6
D channel of GCI 2 in bit 3/4
D channel of GCI 3 in bit 1/2
The contents of the input timeslot
(same number as the number of the
output timeslot) is transferred in D
channel of GCI 0/3 of multiplex
DOUT4
bit 7/8 in D channel of GCI 0
bit 5/6 in D channel of GCI 1
bit 3/4 in D channel of GCI 2
bit 1/2 in D channel of GCI 3
01
The contents of D channels of GCI
4/7 of multiplex DIN4 are transferred
into the output timeslot of one TDM
defined by the destination register
(CMAR).
D channel of GCI 4 in bit 7/8
D channel of GCI 5 in bit 5/6
D channel of GCI 6 in bit 3/4
D channel of GCI 7 in bit 1/2
The contents of the input timeslot
(same number as the number of the
output timeslot) is transferred in D
channel of GCI 4/7 of multiplex
DOUT4.
bit 7/8 in D channel of GCI 4
bit 5/6 in D channel of GCI 5
bit 3/4 in D channel of GCI 6
bit 1/2 in D channel of GCI 7
10
The contents of D channels of GCI 0
/3 of multiplex DIN5 are transferred
into the output timeslot of one TDM
defined by the destination register
(CMAR).
D channel of GCI 0 in bit 7/8
D channel of GCI 1 in bit 5/6
D channel of GCI 2 in bit 3/4
D channel of GCI 3 in bit 1/2
The contents of the input timeslot
(same number as the number of the
output timeslot) is transferred in D
channel of GCI 0/3 of multiplex
DOUT5.
bit 7/8 in D channel of GCI 0
bit 5/6 in D channel of GCI 1
bit 3/4 in D channel of GCI 2
bit 1/2 in D channel of GCI 3
11
The contents of D channels of GCI
4/7 of multiplex DIN5 are transferred
into the output timeslot of one TDM
defined by the destination register
(CMAR).
D channel of GCI 4 in bit 7/8
D channel of GCI 5 in bit 5/6
D channel of GCI 6 in bit 3/4
D channel of GCI 7 in bit 1/2
The contents of the input timeslot
(same number as the number of the
output timeslot) is transferred in D
channel of GCI 4/7 of multiplex
DOUT5.
bit 7/8 in D channel of GCI 4
bit 5/6 in D channel of GCI 5
bit 3/4 in D channel of GCI 6
bit 1/2 in D channel of GCI 7
PRSA : Pseudo Random Sequence analyzer
If PRSA = 1, PRS analyzer is enabled during OTSy OTDMq and receives data :
INS = 0, data comes from Data Memory.
INS = 1 AND PRSG=1, Data comes from PRS Generator (Test Mode).
If PRSA = 0, PRS analyzer is disabled during OTSy OTDMq.
PS
: Programmable Synchronization
If PS = 1, Programmable Synchronization Signal Pin is at ”1” during the bit time defined by OTSy
and OTDMq.
For OTSy and OTDMq with y = q = 0, PSS pin is at ”1” during the first bit of the frame defined
by the Frame synchronization Signal (FS).
If PS = 0, PSS Pin is at ”0” during the bit time defined by OTSy and OTDMq.
SCR
: Scrambler/ Descrambler
SCR=1, the scrambler or the descrambler are enabled. Both of them are located after the
switching matrix.
STLC5465B
76/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com