Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 74 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 70Page - STMicroelectronics STLC5465B Datasheet HTML 71Page - STMicroelectronics STLC5465B Datasheet HTML 72Page - STMicroelectronics STLC5465B Datasheet HTML 73Page - STMicroelectronics STLC5465B Datasheet HTML 74Page - STMicroelectronics STLC5465B Datasheet HTML 75Page - STMicroelectronics STLC5465B Datasheet HTML 76Page - STMicroelectronics STLC5465B Datasheet HTML 77Page - STMicroelectronics STLC5465B Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 101 page
background image
VIII.8 - Connection Memory Data Register - CMDR (0E)H
CONTROL REGISTER (CTLR)
SOURCE REGISTER (SRCR)
bit15
bit8
bit7
bit 0
SCR
PS
PRSA
S1
S0
OTSV LOOP
SI
IM2
IM1
IM0
ITS 4 ITS 3 ITS 2 ITS 1 ITS 0
After reset (0000)H
This 16 bit register is constituted by two registers :
SOURCE REGISTER (SRCR) and CONTROL REGISTER (CTLR)
SOURCE REGISTER (SRCR) has two use modes depending on CM (bit of CMAR).
CM = 1, access to connection memory (read or write)
- PRSG = 0, ITS 0/4 and IM0/2 bits are defined hereafter :
ITS 0/4 : Input time slot 0/4 define ITSx with : 0
≤ x ≤ 31;
IM0/2
: Input Time Division Multiplex 0/2 define ITDMp with : 0
≤ p ≤ 7.
- PRSG = 1, the Pseudo Random Sequence Generator is validated, SRCR is not significant.
CM = 0, access to data memory (read only). SRC is the data register of the data memory.
CONTROL REGISTER (CTLR) defines each Output Time Slot OTSy of each Output Time Division Multi-
plex OTDMq :
SI
: SEQUENCE INTEGRITY
SI = 1, the delay is always : (31 - ITSx) + 32 + OTSy.
SI = 0, the delay is minimum to pass through the data memory.
LOOP : LOOPBACK per channel relevant if a bidirectional connection has been established.
LOOP = 1, OTSy, OTDMq is taken into account instead of ITSy, ITDMq.
OTSV = 1, transparent Mode LOOPBACK.
OTSV = 0, not Transparent Mode LOOPBACK.
OTSV : OUTPUT TIME SLOT VALIDATED
OTSV = 1, OTSy OTDMq is enabled.
OTSV = 0, OTSy OTDMq is High Impedance.
(OTSy : Output Time slot with 0
≤ y ≤ 31;OTDMq : OutputTime Division Multiplex with 0 ≤ q ≤ 7).
VIII - INTERNAL REGISTERS (continued)
S1/S0 : SOURCE 1/0
S1
S0
Source for each timeslot of DOUT0/7
0
0
Data Memory (Normal case)
0
1
Connection Memory
1
0
D channels from/to GCI multiplexes (See note and table hereafter)
1
1
Pseudo Random Sequence Generator delivers Hyperchannel at n x 64Kb/s is possible.
Note:
Connection
When the source of D channels is selected (GCI channels defined by ITS 1/0) and when
the destination is selected (Output timeslot defined by OTS 0/4; output TDM defined by
OM 0/2) the upstream connection is set up; the downstream connection (reverse
direction TDM to GCI) is set up automatically if ITS 2 bit is at 1. So BID, bit of CMAR
must be written at”0”.
Release
Remember: write S1=1, S0=0 and ITS 2 bit = 0 to release the downstream connection;
the upstream connection is released when the source changes.
STLC5465B
74/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com