Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 89 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 85Page - STMicroelectronics STLC5465B Datasheet HTML 86Page - STMicroelectronics STLC5465B Datasheet HTML 87Page - STMicroelectronics STLC5465B Datasheet HTML 88Page - STMicroelectronics STLC5465B Datasheet HTML 89Page - STMicroelectronics STLC5465B Datasheet HTML 90Page - STMicroelectronics STLC5465B Datasheet HTML 91Page - STMicroelectronics STLC5465B Datasheet HTML 92Page - STMicroelectronics STLC5465B Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 101 page
background image
U,V,W,Z : These four bits define the different signals delivered by the MHDLC.
First Case : the external RAM circuit is DRAM (T = 1 or S = 1)
- U defines the time Tu comprised between beginning of cycle and falling edge of NRAS :
U = 1, Tu = 60ns - U = 0, Tu = 30ns
- V defines the time Tv comprised between falling edge of NRAS and falling edge of NCAS :
V = 1, Tv = 60ns - V = 0, Tv = 30ns
- W defines the time Tw comprised between falling edge of NCAS and rising edge of NCAS :
W = 1, Tw = 60ns - W = 0, Tw = 30ns
- Z defines the time Tz comprised between rising edge of NCAS and end of cycle :
Z = 1, Tz = 60ns - Z = 0, Tz = 30ns
The total cycle is Tu + Tv + Tw + Tz.
The different output signals are high impedance during 15ns before the end of each cycle.
Second Case : the external RAM circuit is SRAM (T = 0 or S = 0)
- U and V define a part of write cycle for SRAM : the time Tuv comprised between falling edge
and rising edge of NCE. The total of write cycle is : 15ns+Tuv + 15ns.
V
U
Tuv
0
0
30ns
0
1
60ns
1
0
90ns
1
1
120ns
- W and Z define a part of read cycle for SRAM : the time Twz comprised between falling edge
of NOE and rising edge of NOE. The total of read cycle is : Twz +30ns
Z
W
Twz
0
0
30ns
0
1
60ns
1
0
90ns
1
1
120ns
N.B. The different output signals are high impedance during 15ns before the end of each cycle. On the outside of each (DRAM
or SRAM) cycle all the outputs are high impedance or not in accordance with MBL bit (see ”MBL : Memory Bus Low
impedance”).
Memory
bit15
bit8
bit7
bit 0
P4E1 P4E0 P3E1 P3E0 P2E1 P2E0 P1E1 P1E0
Z
W
V
U
T
S
R
REF
After reset (E4F0)H
P1 E0/1 : PRIORITY 1 for entity defined by E0/1
P2 E0/1 : PRIORITY 2 for entity defined by E0/1
P3 E0/1 : PRIORITY 3 for entity defined by E0/1
P4 E0/1 : PRIORITY 4 for entity defined by E0/1
Entity definition :
E1
E0
Entity
0
0
Rx DMA Controller
0
1
Microprocessor
1
0
Tx DMA Controller
1
1
Interrupt Controller
VIII - INTERNAL REGISTERS (continued)
STLC5465B
89/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com