Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 51 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 47Page - STMicroelectronics STLC5465B Datasheet HTML 48Page - STMicroelectronics STLC5465B Datasheet HTML 49Page - STMicroelectronics STLC5465B Datasheet HTML 50Page - STMicroelectronics STLC5465B Datasheet HTML 51Page - STMicroelectronics STLC5465B Datasheet HTML 52Page - STMicroelectronics STLC5465B Datasheet HTML 53Page - STMicroelectronics STLC5465B Datasheet HTML 54Page - STMicroelectronics STLC5465B Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 101 page
background image
T
Tota l Rea d Cycle
Twz
Ts
Th
HZ
HZ
HZ
HZ
Each s igna l de livere d by the MHDLC
is high impeda nce outside this time
a
a
a
a
1/f
NDS fr o m
µP
(or equivalent)
MASTERCLOCK
applied to XTAL1 P in
ADM0/18
NCE0/7
NWE
NOE
DM0/15 from
S RAM Circuit
Note : Se e
MBL De finition
Figure 40 : Static Memory Read Signals from the
Multi-HDLC
VI - MEMORY TIMING (continued)
VI.2 - Static Memories
Symbol
Parameter
Min.
Typ.
Max.
Unit
T
Delay between Data Strobe delivered by the mP and beginning of
cycle
2/f
1/f
f: Masterclock frequency
Total read cycle: Twz + 1/f
a
Delay between Masterclock and Edge of each signal delivered by the
MHDLC (30pF)
V DD =5V
V DD = 3.3V
20
30
40
ns
ns
Twz
NOE width
1/f
4/f
ns
Ts
Set-up Time Data /NOE Rising Edge
20
ns
Th
Hold Time Data /NOE Rising Edge
0
ns
STLC5465B
51/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com