Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 82 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 78Page - STMicroelectronics STLC5465B Datasheet HTML 79Page - STMicroelectronics STLC5465B Datasheet HTML 80Page - STMicroelectronics STLC5465B Datasheet HTML 81Page - STMicroelectronics STLC5465B Datasheet HTML 82Page - STMicroelectronics STLC5465B Datasheet HTML 83Page - STMicroelectronics STLC5465B Datasheet HTML 84Page - STMicroelectronics STLC5465B Datasheet HTML 85Page - STMicroelectronics STLC5465B Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
PEN
: CSMA PENALTY significant if CSMA = 1
PEN = 1, the penalty value is 1 ; a transmitter which has transmitted a frame correctly will count
(PRI +1) logic one received from Echo pin before transmitting next frame. (PRI, priority class 8
or 10 given by the buffer descriptor related to the frame.
PEN = 0, the penalty value is 2 ; a transmitter which has transmitted a frame correctly will count
(PRI +2) logic one received from Echo pin before transmitting next frame. (PRI, priority class 8
or 10 given by the transmit descriptor related to the frame).
CF
: Common flag
CF = 1, the closing flag of previous frame and opening flag of next frame are identical if the next
frame is ready to be transmitted.
CF = 0, the closing flag of previous frame and opening flag of next frame are distinct.
VIII.14 - HDLC Receive Command Register - HRCR (1A)H
bit15
bit8
bit7
bit 0
CH4
CH3
CH2
CH1
CH0
READ
AR21
AR20
AR11
AR10
CRC
FM
P1
P0
C1
C0
After reset (0000)H
READ : READ COMMAND MEMORY
READ = 1, READ COMMAND MEMORY.
READ = 0, WRITE COMMAND MEMORY.
CH0/4 : These five bits define one of 32 channels.
C1/C0 : COMMAND
C1
C0
Commands Bits
0
0
ABORT ; if this command occurs during receiving a current frame, HDLC Controller stops the
reception, generates an interrupt and waits new command such as START orn CONTINUE.
If this command occurs after receiving a frame, HDLC Controller generates an interrupt and waits
a new command such as START or CONTINUE.
0
1
START ; Rx DMA Controller is now going to transfer first frame into buffer related to the initial
descriptor. The initial descriptor address is provided by the Initiate Block located in external
memory.
1
0
CONTINUE ; Rx DMA Controller is now going to transfer next frame into buffer related to next
descriptor. The next descriptor address is provided by the previous descriptor from which the
related frame had been already received.
1
1
HALT ; after receiving frame, HDLC Controller stops the reception, generates an interrupt and
waits a new command such as START or CONTINUE.
P0/1
: PROTOCOL BITS
P1
P0
Transmission Mode
0
0
HDLC
0
1
Transparent Mode 1 (per byte) ; the fill character defined in FCR Register is taken into account.
1
0
Transparent Mode 2 (per byte) ; the fill character defined in FCR Register is not taken into account.
1
1
Reserved
FM
: Flag Monitoring.
This bit is a status bit read by the microprocessor.
FM=1: HDLC Controller is receiving a frame or HDLC Controller has just received one flag.
FM is put to 0 by the microprocessor.
CRC
: CRC stored in external memory
CRC = 1, the CRC is stored at the end of the frame in external memory.
CRC = 0, the CRC is not stored into external memory.
VIII - INTERNAL REGISTERS (continued)
STLC5465B
82/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com