Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 96 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 92Page - STMicroelectronics STLC5465B Datasheet HTML 93Page - STMicroelectronics STLC5465B Datasheet HTML 94Page - STMicroelectronics STLC5465B Datasheet HTML 95Page - STMicroelectronics STLC5465B Datasheet HTML 96Page - STMicroelectronics STLC5465B Datasheet HTML 97Page - STMicroelectronics STLC5465B Datasheet HTML 98Page - STMicroelectronics STLC5465B Datasheet HTML 99Page - STMicroelectronics STLC5465B Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 101 page
background image
IX.3.2 - Bits written by the DMAC only
CFT
: Frame correctly transmitted
CFT = 1, the Frame has been correctly transmitted.
CFT = 0, the Frame has not been correctly transmitted.
ABT
: Frame Transmitting Aborted
ABT = 1, the frame has been aborted by the microprocessor during the transmission.
ABT = 0, the microprocessor has not aborted the frame during the transmission.
UND
: Underrun
UND = 1, the transmit FIFO has not been fed correctly during the transmission.
UND = 0, the transmit FIFO has been fed correctly during the transmission.
IX.3.3 - Transmit Buffer
Each transmit buffer is defined by its transmit descriptor.
The maximum size of the buffer is 2048 words (1 word=2 bytes)
15
8
7
0
TBA
SECOND BYTE TO TRANSMIT
FIRST BYTE TO TRANSMIT
THIRD BYTE TO TRANSMIT
TBA + x ;
NBT is odd : x = NBT - 1
NBT is even : x = NBT - 2
LAST BYTE TO TRANSMIT
if NBT is even
LAST BYTE TO TRANSMIT
if NBT is odd
Note: for Motorola processors, a swap may be necessary to read/write the Receive Buffer.
IX.4 - Receive & Transmit HDLC Frame Interrupt
bit15
bit8
bit7
bit 0
NS
0
Tx
A4
A3
A2
A1
A0
0
0
0
CFT/CFR
BE/BF
HALT
EOQ
RRLF/ERF
This word is located in the HDLC interrupt queue ; IQSR Register indicates the size of this HDLC interrupt
queue located in the external memory.
NS
: New Status.
Before writing the features of event in the external memory the Interrupt Controller reads the
NS bit :
if NS = 0, the Interrupt Controller puts this bit at ‘1’ when it writes the status word of the frame
which has been transmitted or received.
if NS = 1, the Interrupt Controller puts ICOV bit at ‘1’ to generate an interrupt (IR Register).
When the microprocessor has read the status word, it puts this bit at ‘0’ to acknowledge the new
status. This location becomes free for the Interrupt Controller.
Transmitter
Tx
: Tx = 1, Transmitter
A4/0
: Tx HDLC Channel 0 to 31
RRLF : Ready to Repeat Last Frame
In consequenceof event such as Abort Command HDLC, Controller is waiting Start or Continue.
EOQ
: End of Queue
The Transmit DMA Controller (or the Receive DMA Controller) has encountered the current
Descriptor with EOQ at ”1”. DMA Controller is waiting ”Continue” from microprocessor.
HALT
: The TransmitDMA Controller has receivedHALT from the microprocessor; it is waiting”Continue”
from microprocessor.
BE
: Buffer Empty
If BINT bit of Transmit Descriptor is at ‘1’, the Transmit DMA Controller puts BE at ”1” when the
buffer has been emptied.
CFT
: Correctly Frame Transmitted
A frame has been transmitted. This status is provided only if BINT bit of Transmit Descriptor is
at ‘1’. CFT is located in the last descriptor if several descriptors are used to define a frame.
IX - EXTERNAL REGISTERS (continued)
STLC5465B
96/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com