Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 48Page - STMicroelectronics STFPC320 Datasheet HTML 49Page - STMicroelectronics STFPC320 Datasheet HTML 50Page - STMicroelectronics STFPC320 Datasheet HTML 51Page - STMicroelectronics STFPC320 Datasheet HTML 52Page - STMicroelectronics STFPC320 Datasheet HTML 53Page - STMicroelectronics STFPC320 Datasheet HTML 54Page - STMicroelectronics STFPC320 Datasheet HTML 55Page - STMicroelectronics STFPC320 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
Remote control protocols
STFPC320
52/78
15.3
Philips RC-5 remote control protocol
The RC-5 remote control protocol is based on bi-phase (aka Manchester) coding as shown
in Figure 25. Note that the coding is on the transmitted side. The data on IR_DATA_IN pin of
the STFPC320 after reception by the photo diode will be inverted of below. The MSB is
transmitted first.
Figure 25.
Bi-phase coding
Figure 26.
RC-5 protocol frame
Figure 27.
Example of RC-5 transmission
For RC 5 data transmission, a binary 1 is represented by a low to high transition and a
binary 0 is represented by a high to low transition from the IR transmitter.
The first two start bits (S1 and S2) are sync bits. For normal operation, they are always set
to “11” on the transmit side. After the photo-diode, there is one inversion. So the data at the
IR_DATA_IN of the STFPC320 will be inverted of above. The next bit is the toggle bit. This
bit is inverted each time a key on the remote control is pressed. Bits A1..A5 are the address
bits. The address bits indicate the intended application that the remote control protocol is
used for. Bits C1..C6 are the command bits. The command bits instruct what action is to be
taken.
Logic 1
Logic 0
1.776ms
1.776ms
Data word
Data word
Data word
114 ms
24.9 ms
2-bit Start
bits
1-bit
Toggle Bit
5-bit Address
6-bit Command
MSB
LSB MSB
LSB
Data word
1
1
1
1
1
1
1
1
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com