Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 65Page - STMicroelectronics STFPC320 Datasheet HTML 66Page - STMicroelectronics STFPC320 Datasheet HTML 67Page - STMicroelectronics STFPC320 Datasheet HTML 68Page - STMicroelectronics STFPC320 Datasheet HTML 69Page - STMicroelectronics STFPC320 Datasheet HTML 70Page - STMicroelectronics STFPC320 Datasheet HTML 71Page - STMicroelectronics STFPC320 Datasheet HTML 72Page - STMicroelectronics STFPC320 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
STFPC320
Electrical characteristics
69/78
17.3
Power consumption estimation
Maximum power consumption PMAX = VFD driver dissipation + RL dissipation + LED driver
dissipation + dynamic power consumption.
Where segment current = 3 mA, grid current = 15 mA and LED current = 20 mA,
FIP driver dissipation = number of segments x 6 + number of grids/(number of grids + 1) x
30 (mW)
RL dissipation = (VDD – VSS)
2/50 x (segment + 1) (mW)
LED driver dissipation = number of LEDs x 20 (mW)
Dynamic power consumption = VDD x 5 (mW)
Example:
Where VSS = -30 V, VDD = 3.3 V and in 16-segment and 12-digit modes,
FIP driver dissipation = 16 x 6 + 12/13 x 30 = 124
RL dissipation = 33.32/50 x 17 = 377
LED driver dissipation = 2 x 20 = 40
Dynamic power consumption = 3.3 x 5 = 16.5
Total = 557.5 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com