Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 52Page - STMicroelectronics STFPC320 Datasheet HTML 53Page - STMicroelectronics STFPC320 Datasheet HTML 54Page - STMicroelectronics STFPC320 Datasheet HTML 55Page - STMicroelectronics STFPC320 Datasheet HTML 56Page - STMicroelectronics STFPC320 Datasheet HTML 57Page - STMicroelectronics STFPC320 Datasheet HTML 58Page - STMicroelectronics STFPC320 Datasheet HTML 59Page - STMicroelectronics STFPC320 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
Remote control protocols
STFPC320
56/78
15.5
Sony remote control format
The modulated carrier is usually derived from 480kHz and is 1/12 of the frequency with 1/3
duty cycle.
When data are transmitted repeatedly, the frame cycle is 45 ms or 150 period.
A frame consists of a syn pulse, a seven-bit data code and a five-bit custom code.
Figure 34.
Output code waveform timing definitions
Note:
Where T = 0.3ms
Note that the above waveform is on the transmitted side. The received data by the
STFPC320 after the photo-diode is inverted from above.
Table 13.
Sony remote control format
Data item
Time (sec)
Time (no. of period)
Syn pulse
2.4ms
8T
Data off time
0.61ms
2T
Data on time (0)
0.59ms
2T
Data on time (1)
1.19
4T
Data on time (0)
1.2
4T
Data on time (1)
1.8
6T
Frame output cycle
45
150T
150T
150T
150T
150T
Sym pulse
D0 D1 D2 D3 D4 D5 D6 D2 D3 D4 D5 D6
Data code 7 bit
Custom code
5 bit
Sym pulse
8T
2T 2T
Data “0”
2T
4T
Data “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com