Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 49Page - STMicroelectronics STFPC320 Datasheet HTML 50Page - STMicroelectronics STFPC320 Datasheet HTML 51Page - STMicroelectronics STFPC320 Datasheet HTML 52Page - STMicroelectronics STFPC320 Datasheet HTML 53Page - STMicroelectronics STFPC320 Datasheet HTML 54Page - STMicroelectronics STFPC320 Datasheet HTML 55Page - STMicroelectronics STFPC320 Datasheet HTML 56Page - STMicroelectronics STFPC320 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
STFPC320
Remote control protocols
53/78
15.3.1
RC-5 data in decoded format
In the decoded form, the ADR bits followed by Start bit and Toggle Bit followed by Data bits
are sent in this order for each remote control protocol. The number of bits depends on the
corresponding RC protocol. The remaining empty bits are stuffed with 1’s to complete a
byte-aligned data frame.
Example for Philips RC-5 protocol, if the 5-bit ADDR field is “00000” and 6-bit command is
“000001”, the in decoded format the data on SDA pin will be sent as follows with MSB
transmitted first. S stands for Start Bit and T stands for Toggle Bit.
Figure 28.
RC-5 data structure in decoded format
15.3.2
RC-5 data in RAW format
In the raw form, the data is sent in the same way as it is received for each RC protocol
except that the header is not transmitted on SDA. So for the above example for Philips RC-5
protocol, the data on SDA pin in raw-format will be as follows:
Figure 29.
RC-5 data structure in raw format
0
T
S
0
0
0
0
0
0
T
S
0
0
0
0
0
ADR
LSB
X
X
X
1
0
0
0
0
X
X
X
1
0
0
0
0
MSB
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MSB
Byte 1
Byte 2
Byte 3
LSB
DAT
A
1-bit Start
bit
1-bit
Toggle Bit
5-bit Address
6-bit Command
MSB
LSB MSB
LSB
Data word
Sent first on SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com