Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 57Page - STMicroelectronics STFPC320 Datasheet HTML 58Page - STMicroelectronics STFPC320 Datasheet HTML 59Page - STMicroelectronics STFPC320 Datasheet HTML 60Page - STMicroelectronics STFPC320 Datasheet HTML 61Page - STMicroelectronics STFPC320 Datasheet HTML 62Page - STMicroelectronics STFPC320 Datasheet HTML 63Page - STMicroelectronics STFPC320 Datasheet HTML 64Page - STMicroelectronics STFPC320 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
STFPC320
Remote control protocols
61/78
15.7
R2000 remote control format
Figure 40.
Thomson R2000 remote control protocol
Note:
The above waveform is on the transmitted side. The received data by the STFPC320 after
the photo-diode is inverted from above.
A3
A2
A1
A0
T0
D6
D5
D4
D3
D2
D1
D0
Pause
2.53 ms
5.06 ms
480
μs
min. 30.36 ms
max. 60.72 ms
max. 49.64 ms
min. 19.28 ms
modulated mode
(16 pulses)
30
μs
33.3 kHz
logic 0 = 2.53 ms
logic 1 = 5.06 ms
A0 – A3 = Address bits (4-bit)
T0 = Toggle bit
D0 – D6 = Command bits (7-bit)
MSB is sent first.
A3
1 Dataword = 80 ms
A3
A2
A1
A0
T0
D6
D5
D4
D3
D2
D1
D0
Pause
2.53 ms
5.06 ms
480
μs
min. 30.36 ms
max. 60.72 ms
max. 49.64 ms
min. 19.28 ms
modulated mode
(16 pulses)
30
μs
33.3 kHz
logic 0 = 2.53 ms
logic 1 = 5.06 ms
A0 – A3 = Address bits (4-bit)
T0 = Toggle bit
D0 – D6 = Command bits (7-bit)
MSB is sent first.
A3
1 Dataword = 80 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com