Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 40Page - STMicroelectronics STFPC320 Datasheet HTML 41Page - STMicroelectronics STFPC320 Datasheet HTML 42Page - STMicroelectronics STFPC320 Datasheet HTML 43Page - STMicroelectronics STFPC320 Datasheet HTML 44Page - STMicroelectronics STFPC320 Datasheet HTML 45Page - STMicroelectronics STFPC320 Datasheet HTML 46Page - STMicroelectronics STFPC320 Datasheet HTML 47Page - STMicroelectronics STFPC320 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
LED port
STFPC320
44/78
9
LED port
Data is written to the LED port by a write command, starting from the most significant bit of
the port. When a bit of this port is set to 0, the corresponding LED lights up; when the bit is
set to a 1, the LED turns off. The data of bits 5 through 8 are ignored. Upon first power-up,
all the LEDs are turned OFF.
Figure 19.
LED byte format
9.1
Writing to LED sequence
Data (will turn on all the 4 the LEDs)
For example, the LEDs can be connected to indicate ‘Power-On’, ‘Standby’, ‘Record’,
‘Function’ status on front panel. If the data bit corresponding to the LED is a ‘0’, the LED will
turn-on during normal operation and standby mode.
So as an example, to turn on the LED for standby indication, the processor must write ‘0’ to
the corresponding data bit before de-asserting the READY pin (i.e. before going into STBY).
This will continuously keep the STBY LED ‘ON’ during standby mode of operation.
b0
b1
b2
b3
-
-
-
-
MSB
LSB
LED1
LED2
Don’t Care
LED3
LED4
b0
b1
b2
b3
-
-
-
-
MSB
LSB
LED1
LED2
Don’t Care
LED3
LED4
MSB
LSB
Data Setting Command
01
000011
MSB
LSB
Data Byte
XXXX
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com