Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 55Page - STMicroelectronics STFPC320 Datasheet HTML 56Page - STMicroelectronics STFPC320 Datasheet HTML 57Page - STMicroelectronics STFPC320 Datasheet HTML 58Page - STMicroelectronics STFPC320 Datasheet HTML 59Page - STMicroelectronics STFPC320 Datasheet HTML 60Page - STMicroelectronics STFPC320 Datasheet HTML 61Page - STMicroelectronics STFPC320 Datasheet HTML 62Page - STMicroelectronics STFPC320 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
STFPC320
Remote control protocols
59/78
Note:
Where T = 0.436 ms
Note that the above waveform is on the transmitted side. The received data by the
STFPC320 after the photo-diode is inverted from above.
15.6.1
Matsushita in decoded format
In the decoded form, the ADR bits followed by Start bit and Toggle Bit followed by Data bits
are sent in this order for each remote control protocol. The number of bits depends on the
corresponding RC protocol. The remaining empty bits are stuffed with 1’s to complete a
byte-aligned data frame.
For Matsushita protocol, if the 5-bit custom code is “11000” and 6-bit data code is “101010”,
the in decoded format the data on SDA pin will be sent as follows with MSB transmitted first.
Figure 38.
Matsushita data structure in decoded format
Table 14.
Matsushita remote control format
Data item
Time (sec)
Time (no. of period)
Syn pulse on time
3.49ms
8T
Syn pulse off time
3.49ms
8T
Data on time (0)
0.86ms
2T
Data off time (0)
0.88ms
2T
Data on time (1)
0.86ms
2T
Data off time (1)
2.63ms
6T
Data period (0)
1.74ms
4T
Data period (1)
3.49ms
8T
Frame output cycle
104.7ms
240T
1
T
S
0
0
0
1
1
1
T
S
0
0
0
1
1
MSB
LSB
X
X
X
0
1
0
1
0
X
X
X
0
1
0
1
0
LSB
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Byte 1
Byte 2
Byte 3
ADR
MSB
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com