Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 64Page - STMicroelectronics STFPC320 Datasheet HTML 65Page - STMicroelectronics STFPC320 Datasheet HTML 66Page - STMicroelectronics STFPC320 Datasheet HTML 67Page - STMicroelectronics STFPC320 Datasheet HTML 68Page - STMicroelectronics STFPC320 Datasheet HTML 69Page - STMicroelectronics STFPC320 Datasheet HTML 70Page - STMicroelectronics STFPC320 Datasheet HTML 71Page - STMicroelectronics STFPC320 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
Electrical characteristics
STFPC320
68/78
17
Electrical characteristics
17.1
Absolute maximum ratings
17.2
Recommended operating conditions
Table 15.
Absolute maximum ratings (TA = 25°C, GND = 0 V)
Symbol
Parameter
Value
Unit
VDD
Logic supply voltage
-0.5 to +4.0
V
VSS
Driver supply voltage
VDD + 0.5 to VDD – 33.3
V
VI1
Logic input voltage
-0.4 to VDD + 0.5
V
VO2
VFP driver output voltage
VSS – 0.5 to VDD + 0.5
V
IO1
LED driver output current
+25
mA
IO2
VFP driver output current
-40 (grid)
-15 (segment)
mA
PD
Power dissipation
1200 (1)
1.
Derate at -9.6 mW/°C at TA = 25°C or higher
mA
Topt
Operating ambient temperature
-40 to +85
°C
Tstg
Storage temperature
-65 to +150
°C
Table 16.
Recommended operating conditions (TA = -20 to +70°C, GND = 0V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Logic supply voltage
3.3
V
VIH
High-level input voltage
0.7 VDD
VDD
V
VIL
Low-level input voltage
0
0.3 VDD
V
VSS
Driver supply voltage
0
VDD - 33.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com