Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 5Page - STMicroelectronics STFPC320 Datasheet HTML 6Page - STMicroelectronics STFPC320 Datasheet HTML 7Page - STMicroelectronics STFPC320 Datasheet HTML 8Page - STMicroelectronics STFPC320 Datasheet HTML 9Page - STMicroelectronics STFPC320 Datasheet HTML 10Page - STMicroelectronics STFPC320 Datasheet HTML 11Page - STMicroelectronics STFPC320 Datasheet HTML 12Page - STMicroelectronics STFPC320 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
STFPC320
Device block diagram
9/78
1
Device block diagram
Figure 1.
STFPC320 block diagram
2
4
SCL
OSC
Display Memory
(20 x 16)
Timing Generator
Key Scan and
Dimming Circuit
20-bit
Output
Latch
16-bit
Shift
Register
Data
Selector
I2C
Serial
I/F
4-bit
Latch
Key Data Memory
(2 x 12)
Key1
Key2
20
12
8
8
8
8
16
LED2
LED1
VDD
(+3.3V)
GND
(0V)
VSS
(-30V)
GRID1
GRID8
SEG13/GRID16
SEG20/GRID9
SEG12/KS12
SEG1/KS1
VDD
IR_DATA_IN
MUTE
STBY
R
Command Decoder
Remote Control
Decoder & Stand
By Function
READY
SDA
LED3
LED4
PIN_AV8
RTC with Alarm
& Calibration
Watchdog
32 KHz
oscillator
Real-time Clock
Calendar
IRQ_N/SQW
AFE
2-bit
Latch
SW1
SW2
Real-time Clock
2
4
SCL
OSC
Display Memory
(20 x 16)
Timing Generator
Key Scan and
Dimming Circuit
20-bit
Output
Latch
16-bit
Shift
Register
Data
Selector
I2C
Serial
I/F
4-bit
Latch
Key Data Memory
(2 x 12)
Key1
Key2
20
12
8
8
8
8
16
LED2
LED1
VDD
(+3.3V)
GND
(0V)
VSS
(-30V)
GRID1
GRID8
SEG13/GRID16
SEG20/GRID9
SEG12/KS12
SEG1/KS1
VDD
IR_DATA_IN
MUTE
STBY
R
Command Decoder
Remote Control
Decoder & Stand
By Function
READY
SDA
LED3
LED4
PIN_AV8
RTC with Alarm
& Calibration
Watchdog
32 KHz
oscillator
Real-time Clock
Calendar
IRQ_N/SQW
AFE
2-bit
Latch
SW1
SW2
Real-time Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com