Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 53Page - STMicroelectronics STFPC320 Datasheet HTML 54Page - STMicroelectronics STFPC320 Datasheet HTML 55Page - STMicroelectronics STFPC320 Datasheet HTML 56Page - STMicroelectronics STFPC320 Datasheet HTML 57Page - STMicroelectronics STFPC320 Datasheet HTML 58Page - STMicroelectronics STFPC320 Datasheet HTML 59Page - STMicroelectronics STFPC320 Datasheet HTML 60Page - STMicroelectronics STFPC320 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
STFPC320
Remote control protocols
57/78
15.5.1
Sony in decoded format
In the decoded form, the ADR bits followed by Start bit and Toggle Bit followed by Data bits
are sent in this order for each remote control protocol. The number of bits depends on the
corresponding RC protocol. The remaining empty bits are stuffed with 1’s to complete a
byte-aligned data frame.
Example for Sony protocol, if the 5-bit custom code is “11000” and 7-bit data code is
“1010100”, the in decoded format the data on SDA pin will be sent as follows with MSB
transmitted first.
Figure 35.
Sony data structure in decoded format
15.5.2
Sony in RAW format
In the raw form, the data is sent in the same way as it is received for each RC protocol
except that the header is not transmitted on SDA. If a valid SYN pulse is detected, it is
represented by a bit ‘1’. So a first bit with value ‘1’ implies that the data following it is a valid
raw format RC data. So for the above example for Sony protocol, the data on SDA pin in
raw-format will be as in Figure 36.
Figure 36.
Sony data structure in raw format
1
T
S
0
0
0
1
1
1
T
S
0
0
0
1
1
MSB
LSB
X
X
0
0
1
0
1
0
X
X
0
0
1
0
1
0
MSB
LSB
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Byte 1
Byte 2
Byte 3
ADR
DATA
Custom code
5-bit
Data code
7-bit
LSB
MSB
LSB
MSB
Sent first on SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com