Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 32Page - STMicroelectronics STFPC320 Datasheet HTML 33Page - STMicroelectronics STFPC320 Datasheet HTML 34Page - STMicroelectronics STFPC320 Datasheet HTML 35Page - STMicroelectronics STFPC320 Datasheet HTML 36Page - STMicroelectronics STFPC320 Datasheet HTML 37Page - STMicroelectronics STFPC320 Datasheet HTML 38Page - STMicroelectronics STFPC320 Datasheet HTML 39Page - STMicroelectronics STFPC320 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
Commands
STFPC320
36/78
7.2
Data setting command
This command sets the data-write and data-read modes.
Description:
Bits b7-b6 = 01 is decoded as a data setting command. The subsequent bits are
decoded as follows:
b5 b4 = 00: data write command (see bits b1-b0)
b5 b4 = 10: data read 1 command (see bits b1-b0)
b5 b4 = 11: data read 2 command (see bits b1-b0)
b5 b4 = 01: reserved
b3: clear the guard timer (no change in guard time)
b2: ‘1’ implies fixed address of display RAM/ ‘0’ implies auto increments the address
after data has been written.
MSB
LSB
0
1
b5
b4
b3
b2
b1
b0
Table 9.
Data write command. b5 b4: 00
b1-b0
00
Write memory (display or RTC) – See Note Note: on page 37
01
Enter Test mode (only used for production test)
Do not use this in normal operation.
10
Clear Test mode
Do not use this in normal operation.
11
Write LED (see Section 9: LED port on page 44)
Table 10.
Data read 1 command. b5 b4: 10
b1-b0
00
Read Key (Section 8: Key matrix on page 42)
01
Read Switch + Address Pointer
(see Section 10: SW data on page 45)
10
Read RC data (following two bytes are the address + command from
RC); Refer to Section 15: Remote control protocols on page 51
11
Read Interrupt (refer to Section 14: Interrupt flags on page 50)
Table 11.
Data read 2 command. b5 b4: 11
b1-b0
00
Reserved
01
Read Configuration (see Section 13: Configuration data on page 48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com