Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 34Page - STMicroelectronics STFPC320 Datasheet HTML 35Page - STMicroelectronics STFPC320 Datasheet HTML 36Page - STMicroelectronics STFPC320 Datasheet HTML 37Page - STMicroelectronics STFPC320 Datasheet HTML 38Page - STMicroelectronics STFPC320 Datasheet HTML 39Page - STMicroelectronics STFPC320 Datasheet HTML 40Page - STMicroelectronics STFPC320 Datasheet HTML 41Page - STMicroelectronics STFPC320 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
Commands
STFPC320
38/78
7.3
Display control and hotkey setting command
Description:
Bits b7-b6 = 10 is decoded as a display control and hotkey setting command. The
subsequent bits are decoded as follows:
b5 = 0: sets display control for dimming setting as shown in the table on the next
page.
When b5 = 1, the decoding is based on bits b2-b0 as illustrated below:
b2 b1 b0 = XX1: RC hotkeys and address configuration.
b2 b1 b0 = X1X: front panel hotkeys configuration.
b2 b1 b0 = 1XX: sets the RTC segments location. Refer to the table below for the
configuration.
b4, b3: reserved (the bits can be set to ‘0’)
Note:
XXX on the bit values means don’t care. The bits can be set to ‘0’.
MSB
LSB
1
0
b5
b4
b3
b2
b1
b0
When b5 = 0
b2.b0: Sets dimming quantity.
000: Sets pulse width to 1/16.
001: Sets pulse width to 2/16.
010: Sets pulse width to 4/16.
011: Sets pulse width to 10/16.
100: Sets pulse width to 11/16.
101: Sets pulse width to 12/16.
110: Sets pulse width to 13/16.
111: Sets pulse width to 14/16.
b3: Turns on/off display
0: Display off (key scan
continues)
1: Display on
RTC segments configuration
When b5 = 1
b2 b1 b0: 1XX
This command is followed by
sending 7 bytes of configuration
data for RTC segments (byte1-
6) and format configuration
(byte7).
Read 12.3.1 for details.
Remote control hotkeys
When b5 = 1
b2 b1 b0: XX1
Following this command is
16bytes configuration data for 8
RC hotkeys configuration.
Read 12.3.3 for details.
Front panel hotkeys
When b5 = 1
b2 b1 b0: X1X
This command is followed by
sending 3 bytes (24 keys) of
configuration data to set any key
as hotkey.
Read
Section : Thus, if the a
segment is located on
segment 1, the bits b3-b0 are
“0000”. If b segment is
located on segment 2, the
bits b3-b0 are “0001” and so
on. on page 39 for details.
MSB
Segment b
Segment a
LSB
BYTE1
b7
b6b5b4b3b2b1b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com