Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 50Page - STMicroelectronics STFPC320 Datasheet HTML 51Page - STMicroelectronics STFPC320 Datasheet HTML 52Page - STMicroelectronics STFPC320 Datasheet HTML 53Page - STMicroelectronics STFPC320 Datasheet HTML 54Page - STMicroelectronics STFPC320 Datasheet HTML 55Page - STMicroelectronics STFPC320 Datasheet HTML 56Page - STMicroelectronics STFPC320 Datasheet HTML 57Page - STMicroelectronics STFPC320 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
Remote control protocols
STFPC320
54/78
15.4
NEC remote control protocol
This remote control protocol uses pulse distance modulation. Each bit consists of a high
level of fixed time T, followed by a low level that varies in width. A space that is T represents
a logic “0” and a space that is 3T represents a logic 1. T is 0.56 ms.
The LSB is transmitted first as shown in Figure 31.
Figure 30.
Pulse distance modulation
Figure 31.
The transmitted waveform for NEC protocol
Note:
The above waveform is on the transmitted side. The received data by the STFPC320 after
the photo-diode is inverted from above.
Logic 0
T
Logic 1
T
T3T
T = 0.56 ms
Logic 0
T
Logic 1
T
T3T
T = 0.56 ms
First frame
Repeat frame
8-bit command
Inverted 8-bit
command
9 ms
4.5 ms
8-bit Address
Inverted 8-bit
address
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
9 ms
2.25 ms
0.56 ms
First frame
Repeat frame
108 ms
108 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com