Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 43Page - STMicroelectronics STFPC320 Datasheet HTML 44Page - STMicroelectronics STFPC320 Datasheet HTML 45Page - STMicroelectronics STFPC320 Datasheet HTML 46Page - STMicroelectronics STFPC320 Datasheet HTML 47Page - STMicroelectronics STFPC320 Datasheet HTML 48Page - STMicroelectronics STFPC320 Datasheet HTML 49Page - STMicroelectronics STFPC320 Datasheet HTML 50Page - STMicroelectronics STFPC320 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
STFPC320
Normal display memory locations
47/78
12
Normal display memory locations
Only the lower 4 bits of the addresses assigned to Seg17 through Seg20 are valid, the higher
4 bits are ignored.
Note that the common grid/segment outputs are grid-based. The grid has to be enabled
before any segments can be turned on. If data is written for a segment before enabling the
respective grid, nothing is present on the display.
Table 12.
Display RAM address and display mode
Seg1
Seg4
Seg8
Seg12
Seg16
Seg20
10 HL
10 HU
11 HL
11 HU
12 HL
DIG1
13 HL
13 HU
14 HL
14 HU
15 HL
DIG2
16 HL
16 HU
17 HL
17 HU
18 HL
DIG3
19 HL
19 HU
1A HL
1A HU
1B HL
DIG4
1C HL
1C HU
1D HL
1D HU
1E HL
DIG5
1F HL
1F HU
20 HL
20 HU
21 HL
DIG6
22 HL
22 HU
23 HL
23 HU
24 HL
DIG7
25 HL
25 HU
26 HL
26 HU
27 HL
DIG8
28 HL
28 HU
29 HL
29 HU
2A HL
DIG9
2B HL
2B HU
2C HL
2C HU
2D HL
DIG10
2E HL
2E HU
2F HL
2F HU
30 HL
DIG11
31 HL
31 HU
32 HL
32 HU
33 HL
DIG12
34 HL
34 HU
35 HL
35 HU
36 HL
DIG13
37 HL
37 HU
38 HL
38 HU
39 HL
DIG14
3A HL
3A HU
3B HL
3B HU
3C HL
DIG15
3D HL
3D HU
3E HL
3E HU
3F HL
DIG16
b7
b4 b3
b0
XX HL
XX HU
Higher 4 bits
Lower 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com