Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 20Page - STMicroelectronics STFPC320 Datasheet HTML 21Page - STMicroelectronics STFPC320 Datasheet HTML 22Page - STMicroelectronics STFPC320 Datasheet HTML 23Page - STMicroelectronics STFPC320 Datasheet HTML 24Page - STMicroelectronics STFPC320 Datasheet HTML 25Page - STMicroelectronics STFPC320 Datasheet HTML 26Page - STMicroelectronics STFPC320 Datasheet HTML 27Page - STMicroelectronics STFPC320 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
Real-time clock (RTC) operation
STFPC320
24/78
6.3
Watchdog timer
The watchdog timer can be used to detect an out of control microprocessor. The user
programs the watchdog timer by setting the desired amount of time-out into the Watchdog
Register, address 09h. Bits BMB4-BMB0 store a binary multiplier and the three bits RB2-
RB0 select the resolution where:
●
000 = 1/16 second (16Hz)
●
001 = 1/4 second (4Hz)
●
010 = 1 second (1Hz)
●
011 = 4 seconds (1/4Hz)
●
100 = 1 minute (1/60Hz)
Note:
Invalid combinations (101, 110, and 111) do NOT enable a watchdog time-out. Setting the
BMB4-BMB0 = 0 with any combination of RB2-RB0, other than 000, will result in an
immediate watchdog time-out. The amount of time-out is then determined to be the
multiplication of the five-bit multiplier value with the resolution. (For example: writing
00001110 in the Watchdog register = 3*1 or 3 seconds). If the processor does not reset the
timer within the specified period, the STFPC320 generates a watchdog output pulse on the
IRQ_N/SQW pin.
The watchdog timer can only be reset by having the microprocessor perform a WRITE of the
Watchdog register. The time-out period then starts over. Should the watchdog timer time-
out, any value may be written to the Watchdog Register in order to clear the IRQ_N/SQW
pin. A value of 00h will disable the watchdog function until it is again programmed to a new
value. A READ of the Flags Register will reset the Watchdog flag (Bit D7; Register 0Fh). The
watchdog function is automatically disabled upon power-up, and the Watchdog Register is
cleared.
6.4
Real-time clock (RTC)
The RTC keeps track of the date and time. Once the date and time are set, the clock works
when the STFPC320 is in normal operation and standby operation. The wake-up alarm
feature is included in the RTC module. The accuracy of the RTC is approximately 10 ppm
(±25 secs/month).
The wakeup alarm is programmed to wake up once the date and time set are met. This
feature is present in normal and standby mode of operation. Only one date and time is
available for setting.
The real-time clock (RTC) uses an external 32.768 kHz quartz crystal to maintain an
accurate internal representation of the second, minute, hour, day, date, month, and year.
The RTC has leap-year correction. The clock also corrects for months having fewer than 31
days.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com