Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 58Page - STMicroelectronics STFPC320 Datasheet HTML 59Page - STMicroelectronics STFPC320 Datasheet HTML 60Page - STMicroelectronics STFPC320 Datasheet HTML 61Page - STMicroelectronics STFPC320 Datasheet HTML 62Page - STMicroelectronics STFPC320 Datasheet HTML 63Page - STMicroelectronics STFPC320 Datasheet HTML 64Page - STMicroelectronics STFPC320 Datasheet HTML 65Page - STMicroelectronics STFPC320 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
Remote control protocols
STFPC320
62/78
15.7.1
R2000 in decoded format
In the decoded form, the ADR bits followed by Start bit and Toggle Bit followed by Data bits
are sent in this order for each remote control protocol. The number of bits depends on the
corresponding RC protocol. The remaining empty bits are stuffed with 1’s to complete a
byte-aligned data frame.
For the R2000 protocol, if the 4-bit ADR is “1101” and 7-bit command bits is “1010100”, the
in decoded format the data on SDA pin will be sent as follows with MSB transmitted first.
Figure 41.
R2000 data structure in decoded format
15.7.2
R2000 in RAW format
In the raw form, the data is sent in the same way as it is received for each RC protocol
except that the header is not transmitted on SDA. So for the above example for R2000
protocol, the data on SDA pin in raw-format will be as in Figure 42.
Figure 42.
R2000 data structure in raw format
0
1
T
S
1
0
1
1
0
1
T
S
1
0
1
1
MSB
MSB
X
X
X
0
0
1
0
1
X
X
X
0
0
1
0
1
LSB
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Byte 1
Byte 2
Byte 3
LSB
ADR
DATA
Toggle Bit
ADR
4-bit
LSB
MSB
LSB
MSB
Command
7-bit
Sent first on SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com