Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 14Page - STMicroelectronics STFPC320 Datasheet HTML 15Page - STMicroelectronics STFPC320 Datasheet HTML 16Page - STMicroelectronics STFPC320 Datasheet HTML 17Page - STMicroelectronics STFPC320 Datasheet HTML 18Page - STMicroelectronics STFPC320 Datasheet HTML 19Page - STMicroelectronics STFPC320 Datasheet HTML 20Page - STMicroelectronics STFPC320 Datasheet HTML 21Page - STMicroelectronics STFPC320 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
Functional description
STFPC320
18/78
4.7
Mute pin
The MUTE pin is set to logic high to mute the audio output before power is cut to the host
processor. In wakeup mode, the MUTE pin is set to logic low to enable the audio output
immediately after the high assertion of the READY pin. In general, MUTE follows READY pin
with an inverted polarity. This pin is used to prevent pop-up sound during power-up and
power-down states.
4.8
Keyscan matrix/front panel keys
The key scan matrix on the STFPC320 helps to pass command from the front panel to the
host processor through the SDA pin on STFPC320. The STFPC320 can be programmed to
wake-up the system from standby using any of the 24 keys pressed on the front panel.
These wake-up keys are also referred to as hot-keys.
4.9
LED ports
4 LED displays are supported by the STFPC320. Turning on or off of the LED is done by
issuing write command to the LED port. After reset, the LEDs are off. Note that the LED
outputs sink the current, so the cathode of the diode must be connected to the LED pins of
STFPC320.
4.10
Display
The display is divided into two sections, Normal and real-time clock (RTC).
4.10.1
Normal display
The VFD display is configurable for displays from 8 digits/20 segments to 16 digits/12
segments. The VFD display can be configured to be either in the normal VFD mode or in the
RTC mode. In the normal VFD mode, the display shows whatever is written in the VFD
display memory.
If the user desires to show normal display simultaneously with the RTC, then CPU must
read the time of RTC display memory and then write all the data to be displayed to the
normal display memory. After writing the values to the display memory, a display-on
command will show both the normal and RTC display on the front panel.
On first power on, the default configuration is 16-digit, 12-segment mode (with display
turned OFF).
4.10.2
RTC display
In RTC mode, the display can be configured to show the time in two modes, either by direct
mapping of RTC to the display or by using the CPU. If CPU is used, the CPU reads the RTC
value from RTC registers and then writes the time to be displayed in the RTC display
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com