Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 15Page - STMicroelectronics STFPC320 Datasheet HTML 16Page - STMicroelectronics STFPC320 Datasheet HTML 17Page - STMicroelectronics STFPC320 Datasheet HTML 18Page - STMicroelectronics STFPC320 Datasheet HTML 19Page - STMicroelectronics STFPC320 Datasheet HTML 20Page - STMicroelectronics STFPC320 Datasheet HTML 21Page - STMicroelectronics STFPC320 Datasheet HTML 22Page - STMicroelectronics STFPC320 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
STFPC320
Functional description
19/78
4.11
Remote control decoder
Remote control (RC) decoder module decodes the signal coming from IR_DATA_IN. The list
of IR remote control protocols recognized by STFPC320 is Philips RC-5, SONY, NEC,
Thomson-RCA, Thomson-R2000 and Matsushita. The selection of remote control protocol
to use is done by setting the RC Protocols register. The commands from RC is used to
wake-up from standby and resume normal operation. All RC keys can be programmed to act
like RC hotkeys. Upon receiving any one of the designated hotkeys, wake-up operation will
begin.
4.12
PIN_AV8
External device (e.g. set-top box) could pull this pin high to wake-up the system. A low-to-
high transition on this pin will signal the STPFC320 to wake-up and provide power to the
system. This signal is considered high when it is in the range of 2.5 - 3.6 V (proper voltage
division must be done externally so that the STFPC320 PIN_AV8 sees no more than 3.6 V).
No action is taken on the high-to-low transition on PIN_AV8. Also when the pin is already a
high, the current state of the system is maintained and it does not trigger anything.
4.13
Default state upon power-up
The Table 3 below shows the default state of the STFPC320 upon power-up.
Table 3.
Default state
S.No.
Functions
Default state
1
Display
OFF
2Key-scan
ON
3
IR (Remote Control)
ON
4
Display mode
12 segment/16 digit
5
Display address
10H with Address increment mode
6
RC protocol
RC-5 (Raw format)
7LED
OFF
8
Dimming
1/16 duty factor
9
Hot Keys (IR and FP)
Disabled
10
Guard timer
10s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com