Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 54Page - STMicroelectronics STFPC320 Datasheet HTML 55Page - STMicroelectronics STFPC320 Datasheet HTML 56Page - STMicroelectronics STFPC320 Datasheet HTML 57Page - STMicroelectronics STFPC320 Datasheet HTML 58Page - STMicroelectronics STFPC320 Datasheet HTML 59Page - STMicroelectronics STFPC320 Datasheet HTML 60Page - STMicroelectronics STFPC320 Datasheet HTML 61Page - STMicroelectronics STFPC320 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
Remote control protocols
STFPC320
58/78
15.6
Matsushita remote control format
The modulated carrier is usually derived from 440 kHz and is 1/12 of the frequency with ½
duty cycle.
When data are transmitted repeatedly, the frame cycle is 104.7 ms or 240 period.
A frame consists of a syn pulse, a five-bit custom code, six-bit data code, a five-bit inverted
custom code and a six-bit inverted data code.
The timing definitions of the output code waveform are shown in Figure 37.
Figure 37.
Matsushita remote control protocol
240T
240T
240T
240T
Sym pulse
C0 C1 C2 C3 C4 D1 D2 D3 D4 D5 C’0C’1
Custom
Custom code
5 bit
Sym pulse
8T
2T 2T
Data “0”
2T
6T
Data “1”
code 5 bit
Inverted custom
code 5 bit
C’2C’3C’4
C’0
D’1D’2D’3D’4
D’0
D’5
Inverted data
code 6 bit
End of transmission
8T
2T
End of transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com