Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 46Page - STMicroelectronics STFPC320 Datasheet HTML 47Page - STMicroelectronics STFPC320 Datasheet HTML 48Page - STMicroelectronics STFPC320 Datasheet HTML 49Page - STMicroelectronics STFPC320 Datasheet HTML 50Page - STMicroelectronics STFPC320 Datasheet HTML 51Page - STMicroelectronics STFPC320 Datasheet HTML 52Page - STMicroelectronics STFPC320 Datasheet HTML 53Page - STMicroelectronics STFPC320 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
Interrupt flags
STFPC320
50/78
14
Interrupt flags
The interrupt is sent on the IRQ_N/SQW pin when any one of the events occur: FP key
pressed, RC key pressed, PIN_AV8 transitions to a high or RTC events (watchdog timer,
alarm, oscillator fail). Simultaneously, the interrupt flags are set.
The micro-processor can read the interrupt flags by sending the “01100011” command.
After decoding this command, STFPC320 output one byte data as described below to
indicate the source of interrupt.
Figure 23.
Interrupt byte format
Note:
Default value of the register is 00h.
Description:
In the normal mode of operation (system is not in standby), the events described
below will cause any of the b4 to b7 bit to be set to 1 and IRQ_N/SQW will be
asserted low:
b4: RTC events
b5: PIN_AV8 transition to High
b6: valid remote control key detection
b7: front panel key detection
Having detected the assertion of IRQ_N/SQW pin, micro-processor should then read
the interrupt buffer to determine the external event causing the interrupt. Once read,
the buffer will be cleared and IRQ_N/SQW is released.
In the wake-up operation (system is in standby), the events described below will
cause any of the b0 to b3 bit to be set to 1 and wakeup occurs (STBY output is set to
low):
b0: RTC events
b1: PIN_AV8 transition to High
b2: valid remote control hotkeys detection
b3: front panel hotkeys detection
Once wakeup occurs, micro-processor should pull READY to high to indicate to
STFPC320 of a proper boot-up. The STFPC320 will then assert the interrupt to
indicate that an external event has been occurred. The microprocessor should then
read the interrupt buffer to determine the event causing the wakeup.
When the interrupt is caused by the RTC, the microprocessor should read the RTC
interrupt flag at address 0Fh to determine the specific RTC event: alarm, watchdog
timer of RTC or oscillator fail.
Preset-
value of
RTC or
Watchdog
or OFIE
PIN_AV8
RC hot
key
FP hot
key
Preset-
value of
RTC or
Watchdog
or OFIE
PIN_AV8
RCK
FPK
Preset-
value of
RTC or
Watchdog
or OFIE
PIN_AV8
RC hot
key
FP hot
key
Preset-
value of
RTC or
Watchdog
or OFIE
PIN_AV8
RCK
FPK
LSB
MS
B
Normal operation
Wake-up operation
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com