Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 29Page - STMicroelectronics STFPC320 Datasheet HTML 30Page - STMicroelectronics STFPC320 Datasheet HTML 31Page - STMicroelectronics STFPC320 Datasheet HTML 32Page - STMicroelectronics STFPC320 Datasheet HTML 33Page - STMicroelectronics STFPC320 Datasheet HTML 34Page - STMicroelectronics STFPC320 Datasheet HTML 35Page - STMicroelectronics STFPC320 Datasheet HTML 36Page - STMicroelectronics STFPC320 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
STFPC320
Commands
33/78
7
Commands
A command sets the display mode and status of the VFD driver.
The first 1 byte input to the STFPC320 through the SDA pin after the slave address is
regarded as a command. If slave address is not transmitted before the commands/data are
transmitted, the commands/data being transmitted are invalid (however, the commands/data
already transmitted remain valid).
7.1
Configuration mode setting command
This command initializes the STFPC320 and performs any one of the following functions:
1.
Selects the number of segments and number of grids (1/8 to 1/16 duty, 12 segments to
20 segments). When this command is executed, display is turned off. To resume
display, the display ON command must be executed. If the same mode is selected,
nothing is performed.
2.
Selects the remote control protocol to use.
3.
Sets the guard timer. The guard timer is configurable from 1 to 15s or turned off
completely.
4.
Sets the guard timer action to perform when the guard timer counts. Two actions are
allowed: no action, set STBY to high level.
Description:
Bits b7-b6 = 00 is decoded as a configuration mode setting command. The
subsequent bits are decoded as follows:
b5: Reserved
b4: Normal display setting
b3: RTC display setting (during normal or STBY modes)
b2: enables all RC keys as hot-keys
b1: Reserved
b0: enables the guard timer to issue STBY
Note:
When displaying the RTC during normal mode, if the µP is writing data to STFPC320 using
I2C bus, the RTC display on VFD momentarily turns OFF.
MSB
LSB
0
0
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com