Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 23Page - STMicroelectronics STFPC320 Datasheet HTML 24Page - STMicroelectronics STFPC320 Datasheet HTML 25Page - STMicroelectronics STFPC320 Datasheet HTML 26Page - STMicroelectronics STFPC320 Datasheet HTML 27Page - STMicroelectronics STFPC320 Datasheet HTML 28Page - STMicroelectronics STFPC320 Datasheet HTML 29Page - STMicroelectronics STFPC320 Datasheet HTML 30Page - STMicroelectronics STFPC320 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
STFPC320
Real-time clock (RTC) operation
27/78
6.6
Setting alarm clock registers
The address locations 0Ah-0Eh contain the alarm settings. The alarm can be configured to
go off at a prescribed time on a specific month, date, hour, minute, or second or repeat
every year, month, day, hour, minute, or second. It can also be programmed to go off while
the STFPC320 is in the standby mode to serve as a system wake-up call.
The bits RPT5-RPT1 put the alarm in the repeat mode of operation. Table 5 shows the
possible configurations. Codes not listed in the table default to the once per second mode to
quickly alert the user of an incorrect alarm setting.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT5-RPT1, the AF (Alarm Flag) is set. If AFE (alarm flag enable) is also set
(and SQWE is '0.'), the alarm condition activates the IRQ_N/SQW pin.
Note:
Note that by default, the alarm repeat mode is enabled and by default the repeat frequency
is set to “once per year”.
Note:
If the address pointer is allowed to increment to the flag register address, an alarm condition
will not cause the Interrupt/Flag to occur until the address pointer is moved to a different
address. It should also be noted that if the last address written is the “Alarm Seconds,” the
address pointer will increment to the Flag address, causing this situation to occur.
The IRQ_N/SQW output is cleared by a READ to the flags register as shown in Figure 11. A
subsequent READ of the flags register is necessary to see that the value of the alarm flag
has been reset to '0’.
Note:
The “Once Per Year” is the default.
Figure 11.
Alarm interrupt reset waveform
Table 5.
Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm settings
1
1
1
1
1
Once per second
1
1
1
1
0
Once per minute
1
1
1
0
0
Once per hour
1
1
0
0
0
Once per day
1
0
0
0
0
Once per month
0
0
0
0
0
Once per year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com