Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 9Page - STMicroelectronics STFPC320 Datasheet HTML 10Page - STMicroelectronics STFPC320 Datasheet HTML 11Page - STMicroelectronics STFPC320 Datasheet HTML 12Page - STMicroelectronics STFPC320 Datasheet HTML 13Page - STMicroelectronics STFPC320 Datasheet HTML 14Page - STMicroelectronics STFPC320 Datasheet HTML 15Page - STMicroelectronics STFPC320 Datasheet HTML 16Page - STMicroelectronics STFPC320 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
STFPC320
Functional description
13/78
4
Functional description
The STFPC320 integrates the supply standby management functionality, remote control
decoder, a 28-bit VFD driver and a real-time clock (RTC). This device is meant to reduce the
standby power consumption of the whole front panel application and also to reduce
hardware/cost by integrating the above mentioned functions in a single chip.
By utilizing the standby function, the host processor and other ICs could be turned off, thus
reducing the system power consumption. The STFPC320 is able to wake-up the system
when programmed hotkeys are detected to signal that the full operation of the system is
required. The hotkeys could be entered to the system through the front panel keys or
through the infrared (IR) remote control. STFPC320 supports multiple remote control
protocols decoding by setting the appropriate register.
The integrated 28-bit VFD driver can drive up to 16 digits of display. Controlling of the
display is done through writing to a internal RAM. The 4 LED drivers allow indication of
operation of the system. 2-wire serial interface (I2C) completes the interfacing part between
host processor and STFPC320.
The STFPC320 integrates a a low-power serial RTC with a built-in 32.768kHz oscillator
(external crystal controlled). Eight bytes of the SRAM are used for the clock/calendar
function and are configured in binary coded decimal (BCD) format. An additional 12 bytes of
SRAM provide status/ control of alarm, watchdog and square wave functions. Addresses
and data are transferred serially via a two line, bidirectional I2C interface. The built-in
address register is incremented automatically after each WRITE or READ data byte.
Functions available to the user include a non-volatile, time-of-day clock/calendar, alarm
interrupts, watchdog timer and programmable Square Wave output. The eight clock address
locations contain the century, year, month, date, day, hour, minute, second and
tenths/hundredths of a second in 24 hour BCD format. Corrections for 28, 29 (leap year -
valid until year 2100), 30 and 31 day months are made automatically.
4.1
Reset
Reset is an active low input signal to the STFPC320. A negative pulse input on RESET_N
pin resets the STFPC320. Electrical specifications of this pin are identical to that of the logic
input pin.
Upon power-up, an internal power on reset circuit resets the whole chip. This occurs when
VDD is ramping up (at approximately 2.7 V) and the whole chip is initialized within 4 µs. This
time is much lesser than the typical VDD ramp-up time. It is recommended to tie the
RESET_N pin permanently by a pull-up resistor to VDD if reset to STFPC320 is not desired
during normal operation. For an initialization on power-up, a power-on-reset in STFPC320 is
sufficient to reset the entire STFPC320.
As soon as the 3.3 V supply to the chip is stable, the I2C bus of the STFPC320 is ready for
communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com