Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 10Page - STMicroelectronics STFPC320 Datasheet HTML 11Page - STMicroelectronics STFPC320 Datasheet HTML 12Page - STMicroelectronics STFPC320 Datasheet HTML 13Page - STMicroelectronics STFPC320 Datasheet HTML 14Page - STMicroelectronics STFPC320 Datasheet HTML 15Page - STMicroelectronics STFPC320 Datasheet HTML 16Page - STMicroelectronics STFPC320 Datasheet HTML 17Page - STMicroelectronics STFPC320 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
Functional description
STFPC320
14/78
4.2
Cold boot up
When power is first applied to the system, the STFPC320 will be reset. It will then manage
the power to the main board by bringing the STBY pin to a low level. This will wake-up the
main processor which will assert the READY pin to a high level to indicate to STFPC320 of a
proper boot-up sequence.
If the microprocessor does not assert the READY pin to a high within 10s, the STFPC320
will cut off the power to the Host by asserting the STBY pin. The high level on READY pin
signifies that the processor is ready. After this, the processor can configure the STFPC320
by sending the various I2C commands for configuration of display, RC protocol, RTC display
mapping, hot-keys.
The power-up behavior in 2 conditions is shown in the Figure 4.
Note:
1
Guard timer is turned off by default upon READY assertion.
2
If the guard timer is to be kept on during READY high condition, the guard timer registers
must be set accordingly by proper commands through I2C bus.
3
In this power-up condition, the guard timer is triggered by internal POR pulse.
4
During power-up, the guard timer value is 10s.
Figure 4.
Power-up behaviour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com