Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 18Page - STMicroelectronics STFPC320 Datasheet HTML 19Page - STMicroelectronics STFPC320 Datasheet HTML 20Page - STMicroelectronics STFPC320 Datasheet HTML 21Page - STMicroelectronics STFPC320 Datasheet HTML 22Page - STMicroelectronics STFPC320 Datasheet HTML 23Page - STMicroelectronics STFPC320 Datasheet HTML 24Page - STMicroelectronics STFPC320 Datasheet HTML 25Page - STMicroelectronics STFPC320 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
Real-time clock (RTC) operation
STFPC320
22/78
6
Real-time clock (RTC) operation
6.1
Real-time clock
The RTC operates as a slave device through the slave address of the STFPC320 on the
serial bus. Access is obtained by implementing a start condition followed by the correct
slave address (Write: 0x52H and Read: 0x53H). The 16 bytes contained in the device can
then be accessed sequentially in the following order:
1. Reserved
2. Seconds register
3. Minutes register
4. Hours register
5. Square wave/day register
6. Date register
7. Century/month register
8. Year register
9. Calibration register
10. Watchdog register
11 - 15. Alarm registers
16. Flags register
6.2
2-wire bus characteristics
The bus is intended for communication between different ICs. It consists of two lines: a
bidirectional data signal (SDA) and a clock signal (SCL). Both the SDA and SCL lines must
be connected to a positive supply voltage (typical voltage is 3.3 V) via a pull-up resistor
(typical value is 10 K). The following protocol has been defined:
●
Data transfer may be initiated only when the bus is not busy.
●
During data transfer, the data line must remain stable whenever the clock line is High.
●
Changes in the data line, while the clock line is High, will be interpreted as control
signals.
Accordingly, the following bus conditions have been defined:
●
Bus not busy: both data and clock lines remain High.
●
Start data transfer: a change in the state of the data line, from high to Low, while the
clock is High, defines the START condition.
●
Stop data transfer: a change in the state of the data line, from Low to High, while the
clock is High, defines the STOP condition.
●
Data Valid: the state of the data line represents valid data when after a start condition,
the data line is stable for the duration of the high period of the clock signal. The data on
the line may be changed during the Low period of the clock signal. There is one clock
pulse per bit of data.
Each data transfer is initiated with a start condition and terminated with a stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com