Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 31Page - STMicroelectronics STFPC320 Datasheet HTML 32Page - STMicroelectronics STFPC320 Datasheet HTML 33Page - STMicroelectronics STFPC320 Datasheet HTML 34Page - STMicroelectronics STFPC320 Datasheet HTML 35Page - STMicroelectronics STFPC320 Datasheet HTML 36Page - STMicroelectronics STFPC320 Datasheet HTML 37Page - STMicroelectronics STFPC320 Datasheet HTML 38Page - STMicroelectronics STFPC320 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
STFPC320
Commands
35/78
The second byte after the configuration command is in the format displayed in Figure 15
Figure 15.
Second byte format after configuration type
The above example shows the HH, MM, SS digits on a 10-digit display panel when RTC
digit 1 is configured (Bits b7 - b4= “0000”) & HH:MM:SS format is selected with separator
being a part of the same digit. The MSB of Hour corresponds to Digit 1 when
b7 - b4= “0000”.
When b7-b4=“0001” is configured, the MSB of Hour starts from the Digit 2.
Note:
The Digit 1 must start from the left.
HH
M
M
S
S
Dig 1
Dig 2
Dig 3
Dig 4
Dig 5
Dig 6
Dig 7
Dig 8
Dig 9
Dig 10
b0
b1
b2
b3
b4
b5
b6
b7
MSB
LSB
RTC DISPLAY MODE
SETTING
0000: RTC digit 1 (default)
0001: RTC digit 2
0010: RTC digit 3
0011: RTC digit 4
0100: RTC digit 5
0101: RTC digit 6
0110: RTC digit 7
VFD DISPLAY MODE SETTING
0111 : 8 digits, 20 segments
1000 : 9 digits, 19 segments
1001 : 10 digits, 18 segments
1010 : 11 digits, 17 segments
1011 : 12 digits, 16 segments
1100 : 13 digits, 15 segments
1101 : 14 digits, 14 segments
1110 : 15 digits, 13 segments
1111 : 16 digits, 12 segments
Note that the RTC digit 1 is the
default setting.
b0
b1
b2
b3
b4
b5
b6
b7
MSB
LSB
RTC DISPLAY MODE
SETTING
0000: RTC digit 1 (default)
0001: RTC digit 2
0010: RTC digit 3
0011: RTC digit 4
0100: RTC digit 5
0101: RTC digit 6
0110: RTC digit 7
VFD DISPLAY MODE SETTING
0111 : 8 digits, 20 segments
1000 : 9 digits, 19 segments
1001 : 10 digits, 18 segments
1010 : 11 digits, 17 segments
1011 : 12 digits, 16 segments
1100 : 13 digits, 15 segments
1101 : 14 digits, 14 segments
1110 : 15 digits, 13 segments
1111 : 16 digits, 12 segments
Note that the RTC digit 1 is the
default setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com