Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 35Page - STMicroelectronics STFPC320 Datasheet HTML 36Page - STMicroelectronics STFPC320 Datasheet HTML 37Page - STMicroelectronics STFPC320 Datasheet HTML 38Page - STMicroelectronics STFPC320 Datasheet HTML 39Page - STMicroelectronics STFPC320 Datasheet HTML 40Page - STMicroelectronics STFPC320 Datasheet HTML 41Page - STMicroelectronics STFPC320 Datasheet HTML 42Page - STMicroelectronics STFPC320 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
STFPC320
Commands
39/78
Description:
Byte2 to byte6 will follow the same pattern as shown for byte1 above:
BYTE2: segment d, segment c
BYTE3: segment f, segment e
BYTE4: segment m, segment g
BYTE5: segment k, segment h
BYTE6: segment p/col, segment j/col
Segments r and n are never used for RTC display.
Byte7 is for RTC format configuration:
When b6 is set to a ‘0’, it implies that the dot point/column is a part of the same digit as the
LSB of the HH or LSB of the MM. When b6 is set to a ‘1’, it means that a separate digit is
used for the separator between the hour/minute and minute/second.
When b5 is set to a ‘0’, HH:MM display format of RTC is chosen and when it is set to a ‘1’,
the HH:MM:SS format is chosen.
When b4 is set to a ‘0’, the AM/PM is not displayed and when it is set to a ‘1’, the AM/PM is
displayed on the VFD.
Figure 16.
14-segment + dotpoint display
For a display with segment configuration as in Figure 16, the location of “a” segment
represented by bits b3-b0 corresponds to “0000”. Location of b segment corresponds to
“0001”. Location of c segment corresponds to “0010” and so on.
Thus, if the a segment is located on segment 1, the bits b3-b0 are “0000”. If b segment is
located on segment 2, the bits b3-b0 are “0001” and so on.
Description:
b0: KS1 KEY1
b1: KS1 KEY2
b2: KS2 KEY1
b3: KS2 KEY2
MSB
LSB
BYTE7
0
b6
b5
b4
0
0
0
b0
MSB
LSB
BYTE1
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com