Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 68Page - STMicroelectronics STFPC320 Datasheet HTML 69Page - STMicroelectronics STFPC320 Datasheet HTML 70Page - STMicroelectronics STFPC320 Datasheet HTML 71Page - STMicroelectronics STFPC320 Datasheet HTML 72Page - STMicroelectronics STFPC320 Datasheet HTML 73Page - STMicroelectronics STFPC320 Datasheet HTML 74Page - STMicroelectronics STFPC320 Datasheet HTML 75Page - STMicroelectronics STFPC320 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
Electrical characteristics
STFPC320
72/78
17.7
Timing characteristics
VDD = 3.3 V, TA = -20 to 70°C, unless otherwise noted. Typical values are at TA = 25°C
Figure 55.
Key scanning and display timing
Note:
Pulse width of segment signal is decided by oscillator frequency. The value can be modified
by trimming ROSC. One cycle of key scanning consists of one frame and data of 12 x 2
matrices are stored in RAM.
The keyscan is only at the end of the frame when the display is ON. When the display is
OFF, the key scan takes place continuously. The grid is turned off during the key scan.
DIG1
DIG2
DIG3
DIGn
SEG Output
G1
G2
G3
Gn
Key scan data
DIG1
1 frame = t
DISP x (n+1)
1/16 t
DISP
t
DISP ≈ 500μs
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com