Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 36Page - STMicroelectronics STFPC320 Datasheet HTML 37Page - STMicroelectronics STFPC320 Datasheet HTML 38Page - STMicroelectronics STFPC320 Datasheet HTML 39Page - STMicroelectronics STFPC320 Datasheet HTML 40Page - STMicroelectronics STFPC320 Datasheet HTML 41Page - STMicroelectronics STFPC320 Datasheet HTML 42Page - STMicroelectronics STFPC320 Datasheet HTML 43Page - STMicroelectronics STFPC320 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
Commands
STFPC320
40/78
b4: KS3 KEY1
b5: KS3 KEY2
b6: KS4 KEY1
b7: KS4 KEY2
Byte2 and Byte3 follow the same pattern as above for the hotkey configuration. To
select any one of the key as hotkey, the bit value is set to ‘1’.
Description:
To configure an RC hotkey two bytes are required. The first byte is used to specify the
RC address and the second byte is used to specify the hotkey command. Hence
there is the option of having 8 hotkeys from the same RC address or one hotkey each
for 8 different RC address.
byte1, byte2: RC hotkey1
byte3, byte4: RC hotkey2
byte5, byte6: RC hotkey3
byte7, byte8: RC hotkey4
byte9, byte 10: RC hotkey5
byte11, byte12: RC hotkey6
byte13, byte14: RC hotkey7
byte15, byte16: RC hotkey8
If less than 8 RC hotkeys are required, there is no need to fill all the 16 bytes. The number of
configuration bytes sent will depends on how many hotkeys.
For example, to configure 2 hotkeys from 2 different RC addresses for Philips RC-5 protocol:
Philips RC-5 Device Address: XXX00001, Hot Key 1: XX000001
Philips RC-5 Device Address: XXX01100, Hot Key 2: XX000010
Note:
For RC protocols, where the MSB does not end on the 8-bit, the data is configured starting
from b0 (LSB) to the MSB.
Figure 17.
Front panel hotkeys configuration
MSB
LSB
BYTE1
b7
b6
b5
b4
b3
b2
b1
b0
RC address 1
MSB
LSB
BYTE2
b7
b6b5
b4b3b2b1b0
RC hotkey 1
KEY
1
KEY
2
b0
b1
b3
b2
b4
b5
b7
b6
b0
b1
b3
b2
b4
b5
b7
b6
b0
b1
b3
b2
b4
b5
b7
b6
BYTE1
BYTE2
BYTE3
KEY
1
KEY
2
KEY
1
KEY
2
KEY
1
KEY
2
b0
b1
b3
b2
b4
b5
b7
b6
b0
b1
b3
b2
b4
b5
b7
b6
b0
b1
b3
b2
b4
b5
b7
b6
b0
b1
b3
b2
b4
b5
b7
b6
b0
b1
b3
b2
b4
b5
b7
b6
b0
b1
b3
b2
b4
b5
b7
b6
BYTE1
BYTE2
BYTE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com