Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 12Page - STMicroelectronics STFPC320 Datasheet HTML 13Page - STMicroelectronics STFPC320 Datasheet HTML 14Page - STMicroelectronics STFPC320 Datasheet HTML 15Page - STMicroelectronics STFPC320 Datasheet HTML 16Page - STMicroelectronics STFPC320 Datasheet HTML 17Page - STMicroelectronics STFPC320 Datasheet HTML 18Page - STMicroelectronics STFPC320 Datasheet HTML 19Page - STMicroelectronics STFPC320 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
Functional description
STFPC320
16/78
4.4
Wake-up
The STFPC320 can wake-up from any one of the following sources:
●
Front-panel keys
●
Remote-control keys
●
Real-time clock (RTC) in 3 conditions (alarm, watchdog timer, oscillator fail)
●
External pin PIN_AV8 (only by a low-to-high transition on this pin)
Note:
1
When the hot-key is detected either from front-panel or remote control or RTC or from a low-
to-high transition on PIN_AV8 pin during standby, the STBY pin de-asserts.
2
The de-assertion of the STBY triggers the guard timer.
3
The timer value is the programmed value by the user (1-15s). If the user did not change the
value before entering standby, then it remains 10s.
4
Also note that the guard timer is off when the STFPC320 is in the standby mode.
Guard timer is thus triggered by a de-assertion of the STBY signal or by internal power on
reset signal.
Figure 6.
Wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com