Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 22Page - STMicroelectronics STFPC320 Datasheet HTML 23Page - STMicroelectronics STFPC320 Datasheet HTML 24Page - STMicroelectronics STFPC320 Datasheet HTML 25Page - STMicroelectronics STFPC320 Datasheet HTML 26Page - STMicroelectronics STFPC320 Datasheet HTML 27Page - STMicroelectronics STFPC320 Datasheet HTML 28Page - STMicroelectronics STFPC320 Datasheet HTML 29Page - STMicroelectronics STFPC320 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
Real-time clock (RTC) operation
STFPC320
26/78
6.5
Register table for RTC
It is recommended to fill the unused bits in the register map to ‘0’ upon a cold boot up.
Table 4.
Register table for RTC
Addr
D7
D6
D5
D4
D3
D2
D1
D0
Function/range BCD format
00h
Reserved
Reserved
-
-
01h
ST
10 seconds
Seconds
Seconds
00-59
02h
OFIE
10 minutes
Minutes
Minutes
00-59
03h
0
0
10 hours
Hours (24-hour format)
Hours
00-23
04h
RS3
RS2
RS1
RS0
0
Day of week
Day
01-7
05h
1
0
10 date
Date: day of month
Date
01-31
06h
CB0
CB1
0
10M
Month
Century/month
0-3/01-12
07h
10 Years
Year
Year
00-99
08h
1
0
S
Calibration
Calibration
09h
RB2
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
0Ah
AFE
SQWE
1
Al 10M
Alarm month
Al month
01-12
0Bh
RPT4
RPT5
Al 10 date
Alarm date
Al date
01-31
0Ch
RPT3
0
Al 10 Hour
Alarm Hour
Al hour
00-23
0Dh
RPT2
Alarm 10 minutes
Alarm minutes
Al min
00-59
0Eh
RPT1
Alarm 10 seconds
Alarm seconds
Al sec
00-59
0Fh
WDF
AF
0
0
0
Flags
Keys: S = sign bit
ST = stop bit
OFIE = oscillator fail interrupt enable bit
BMB0 – BMB4 = watchdog multiplier bits
CEB = century enable bit
CB = century bit
OUT = output level
SQWE = square wave enable bit
AFE = Alarm flag enable flag
RS0-RS3 = SQW frequency bits
RB0 – RB2 = watchdog resolution bits
RPT1 – RPT5 = alarm repeat mode bits
WDF = watchdog flag (read only)
AF = alarm flag (read only)
OF = Oscillator fail bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com