Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 30Page - STMicroelectronics STFPC320 Datasheet HTML 31Page - STMicroelectronics STFPC320 Datasheet HTML 32Page - STMicroelectronics STFPC320 Datasheet HTML 33Page - STMicroelectronics STFPC320 Datasheet HTML 34Page - STMicroelectronics STFPC320 Datasheet HTML 35Page - STMicroelectronics STFPC320 Datasheet HTML 36Page - STMicroelectronics STFPC320 Datasheet HTML 37Page - STMicroelectronics STFPC320 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
Commands
STFPC320
34/78
The first byte after the configuration command is in the following format:
Figure 14.
First byte format after configuration byte
When b7 = ‘0’, incoming RC data is output on SDA in decoded format where the Device
Address, Start Bit, Toggle Bit and Data Bits are sent. Note that the default location is 0x00
for the first device address. This order of the bits sent is in the same format as the incoming
RC data.
When b7 = ‘1’, incoming raw data (no header information) is output on SDA.Address
decoding is still performed to decode the corresponding RC protocol. The format of the data
on SDA corresponds to the format of the respective RC frame.
For details, refer to the RC protocol section of the datasheet.
Upon power application, the following modes are selected:
●
Normal display setting: 16-digit, 12-segment mode is selected (default: display off and
keyscan on).
●
Remote control protocol setting: RC-5 with raw format.
●
Guard timer setting: turned on with 10s. After the first command is processed by
STFPC320, the guard timer is turned off until it is turned on by the host.
●
Guard timer action: issue standby.
b0
b1
b2
b3
b4
b5
b6
b7
MSB
LSB
GUARD TIMER SETTING
0000 : Turned off
0001 : 1 seconds
1111 : 15 seconds
xxxx : No. of seconds in BCD
format
REMOTE CONTROL PROTOCOL
SETTING
(Decoded format since b7=‘0’)
0000 : RC Disable
0010 : RC-5
0011 : Reserved
0100 : NEC
0110 : R2000
0111 : RCA
0101 : Sony
0001: Matsushita
b0
b1
b2
b3
b4
b5
b6
b7
MSB
LSB
GUARD TIMER SETTING
0000 : Turned off
0001 : 1 seconds
1111 : 15 seconds
xxxx : No. of seconds in BCD
format
REMOTE CONTROL PROTOCOL
SETTING
(Decoded format since b7=‘0’)
0000 : RC Disable
0010 : RC-5
0011 : Reserved
0100 : NEC
b0
b1
b2
b3
b4
b5
b6
b7
MSB
LSB
GUARD TIMER SETTING
0000 : Turned off
0001 : 1 seconds
1111 : 15 seconds
xxxx : No. of seconds in BCD
format
REMOTE CONTROL PROTOCOL
SETTING
(Decoded format since b7=‘0’)
0000 : RC Disable
0010 : RC-5
0011 : Reserved
0100 : NEC
0110 : R2000
0111 : RCA
0101 : Sony
0001: Matsushita



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com