Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 66Page - STMicroelectronics STFPC320 Datasheet HTML 67Page - STMicroelectronics STFPC320 Datasheet HTML 68Page - STMicroelectronics STFPC320 Datasheet HTML 69Page - STMicroelectronics STFPC320 Datasheet HTML 70Page - STMicroelectronics STFPC320 Datasheet HTML 71Page - STMicroelectronics STFPC320 Datasheet HTML 72Page - STMicroelectronics STFPC320 Datasheet HTML 73Page - STMicroelectronics STFPC320 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
Electrical characteristics
STFPC320
70/78
17.4
Electrical specifications
Table 17.
Electrical specifications
(TA = -20 to +70 °C, VDD = 3.3 V, GND = 0 V, VSS = VDD – 33.3 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VOH1
High-level output
voltage
LED1 – LED4,
IOH1 = -1mA
0.9 VDD
V
VOL1
Low-level output
voltage
LED1 – LED4,
IOH2 = 20mA
1V
VOL2
Low-level output
voltage
SDA, IOL2 = 4mA
0.6
V
IOH21
High-level output
current
VO = VDD – 2V,
Seg1 to Seg12
-3
mA
IOH22
High-level output
current
VO = VDD – 2 V, Grid1 to
Grid8, Seg13/Grid16 to
Seg12/Grid9
-15
mA
IOLEAK
Driver leakage current
VO = VDD – 33.3 V,
driver off
-10
μA
RL
Output pull-down
resistor
Driver output
50
100
150
k
Ω
II
Input current
VI = VDD or GND
±1
μA
VIH
High-level input voltage
0.7 VDD
V
VIL
Low-level input voltage
0.3 VDD
V
VH
Hysteresis voltage
0.35
V
IDDdyn
Dynamic current
consumption
Under no load,
display OFF
2mA
RPU
External pull-up resistor SCL, SDA
4.7
k
Ω
RPU
External pull-up resistor IRQ_N/SQW
10
k
Ω
RPD
External pull-down
resistor
READY, KEY1, KEY2
10
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com