Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 37Page - STMicroelectronics STFPC320 Datasheet HTML 38Page - STMicroelectronics STFPC320 Datasheet HTML 39Page - STMicroelectronics STFPC320 Datasheet HTML 40Page - STMicroelectronics STFPC320 Datasheet HTML 41Page - STMicroelectronics STFPC320 Datasheet HTML 42Page - STMicroelectronics STFPC320 Datasheet HTML 43Page - STMicroelectronics STFPC320 Datasheet HTML 44Page - STMicroelectronics STFPC320 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
STFPC320
Commands
41/78
7.4
Example for device configuration
After the proper power-up sequence, an example for configuration of the STFPC320 is given
below:
1.
Configuring display & RC
0x09 = RTC display & enables the guard timer to issue STBY
0xAA = raw format, RC-5 protocol, 10s for initial guard time value
0x0A = digit 1 will show the Hour MSB, 11 digits/17 segments display
2.
Configure RTC segments
0xA4 = display control command with RTC segments configuration
0x10, 0x32, 0x54, 0x76, 0xAB, 0xEE = 6 bytes used to map the segment locations for
RTC
0x20 = format of RTC (separator a part of same digit, HH: MM: SS format with no
AM/PM)
3.
Configure front panel keys as wake-up keys (hotkeys)
0xA2 = hotkey setting command for front panel keys. Subsequent 3 bytes are used to
configure the desired front panel keys to be wake-up keys as described in Section
Section : Thus, if the a segment is located on segment 1, the bits b3-b0 are “0000”. If b
segment is located on segment 2, the bits b3-b0 are “0001” and so on. on page 39.
4.
Configure RC keys as wake-up keys (hotkeys)
0xA1 = hotkey setting command for RC keys. For one hot key configuration from one
RC device address, 2 bytes are sent (1st byte is RC address and 2 byte is hotkey
command as described in Section 7.3 on page 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com