Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFPC320 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 11Page - STMicroelectronics STFPC320 Datasheet HTML 12Page - STMicroelectronics STFPC320 Datasheet HTML 13Page - STMicroelectronics STFPC320 Datasheet HTML 14Page - STMicroelectronics STFPC320 Datasheet HTML 15Page - STMicroelectronics STFPC320 Datasheet HTML 16Page - STMicroelectronics STFPC320 Datasheet HTML 17Page - STMicroelectronics STFPC320 Datasheet HTML 18Page - STMicroelectronics STFPC320 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
STFPC320
Functional description
15/78
4.3
Entering standby mode
The STFPC320 will control the power to the main board using the STBY pin. During normal
operation, the STBY pin is at a low level which externally controls a power MOS switch to
enable power to the main board. The STFPC320 asserts the STBY pin to a high when any
one of the following conditions occur:
●
Processor fails to respond by enabling the READY pin within 10 s upon first power-up
(cold boot up)
●
Guard timer counts down to 0 s
●
Processor makes the READY pin to low (can happen in various conditions, such as
user presses STBY key on front panel, STBY key on remote control, etc.)
Note:
1
Guard timer can be kept on during normal condition when READY is high (depending on the
user).
2
In this condition, the guard timer can be disabled or enabled. If the guard timer is enabled,
the timer needs to be cleared before the programmed count of the timer is reached. If the
programmed count is reached, the STBY will be asserted.
3
It is advisable not to enable the guard timer during normal operation.
Figure 5.
Standby mode behaviour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com