Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 47 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 47 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 43Page - Altera Corporation EP1M350 Datasheet HTML 44Page - Altera Corporation EP1M350 Datasheet HTML 45Page - Altera Corporation EP1M350 Datasheet HTML 46Page - Altera Corporation EP1M350 Datasheet HTML 47Page - Altera Corporation EP1M350 Datasheet HTML 48Page - Altera Corporation EP1M350 Datasheet HTML 49Page - Altera Corporation EP1M350 Datasheet HTML 50Page - Altera Corporation EP1M350 Datasheet HTML 51Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
Altera Corporation
47
Mercury Programmable Logic Device Family Data Sheet
13
Programmable Speed/Power Control
Mercury device ESBs offer the Turbo BitTM option, a high-speed mode that
supports fast operation on an ESB-by-ESB basis. When high speed is not
required, the Turbo Bit option can be turned off to reduce power
dissipation by up to 50%. ESBs that run at low power incur a nominal
timing delay adder. An ESB that is not used will be powered down so it
does not consume DC current.
Designers can program each ESB in the Mercury device for either high-
speed or low-power operation. As a result, speed-critical paths in the
design can run at high speed, while the remaining paths operate at
reduced power.
I/O Structure
The IOE in Mercury devices contains a bidirectional I/O buffer and three
registers for a complete embedded bidirectional IOE. The IOE contains
individual input, output, and output enable registers. The input register
can be used for external data requiring fast setup times. The output
register can be used for data requiring fast clock-to-output performance.
The output enable (OE) register can be used for fast clock-to-output enable
timing. The Quartus II software automatically duplicates a single OE
register that controls multiple output or bidirectional pins.
For normal bidirectional operation, the input register can have its own
clock input separate from the OE and output registers. The OE and output
register share the same clock source. Each register can have its own clock
enable signal from local interconnect in the associated LAB, fast global
signals, or row global signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com