Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 52 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 52 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 48Page - Altera Corporation EP1M350 Datasheet HTML 49Page - Altera Corporation EP1M350 Datasheet HTML 50Page - Altera Corporation EP1M350 Datasheet HTML 51Page - Altera Corporation EP1M350 Datasheet HTML 52Page - Altera Corporation EP1M350 Datasheet HTML 53Page - Altera Corporation EP1M350 Datasheet HTML 54Page - Altera Corporation EP1M350 Datasheet HTML 55Page - Altera Corporation EP1M350 Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
52
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Zero Bus Turnaround SRAM Interface Support
In addition to DDR SDRAM support, Mercury device I/O pins also
support interfacing with ZBT SRAM blocks at up to 200 MHz. ZBT SRAM
blocks are designed to eliminate dead bus cycles when turning a
bidirectional bus around between reads and writes, or writes and reads.
ZBT allows for 100% bus utilization because ZBT SRAM can read or write
on every clock cycle.
To avoid bus contention, the output tZX delay ensures that the clock-to-
low-impedance time (tZX) is greater than the clock-to-high-impedance
time (tXZ). Time delay control of clocks to the OE/output and input
register, using a single general purpose PLL, enable the Mercury device to
meet ZBT tCO and tSU times.
Programmable Drive Strength
The output buffer for each Mercury device I/O pin has a programmable
drive strength control for certain I/O standards. The LVTTL standard has
several levels of drive strength that can be controlled by the user. SSTL-3
class I and II, SSTL-2 class I and II, HSTL class I and II, and 3.3-V GTL+
support a minimum or maximum setting. The minimum setting is the
lowest drive strength that guarantees the IOH/IOL of the standard. The
maximum setting provides higher drive strength that allows for faster
switching and is the default setting. Using settings below the maximum
provides signal slew-rate control to reduce system noise and signal
overshoot. Table 11 shows the possible settings for the I/O standards with
drive strength control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com