Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 70 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 70 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 66Page - Altera Corporation EP1M350 Datasheet HTML 67Page - Altera Corporation EP1M350 Datasheet HTML 68Page - Altera Corporation EP1M350 Datasheet HTML 69Page - Altera Corporation EP1M350 Datasheet HTML 70Page - Altera Corporation EP1M350 Datasheet HTML 71Page - Altera Corporation EP1M350 Datasheet HTML 72Page - Altera Corporation EP1M350 Datasheet HTML 73Page - Altera Corporation EP1M350 Datasheet HTML 74Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
70
Altera Corporation
Mercury Programmable Logic Device Family Data Sheet
Table 23. LVTTL Specifications
Note (10)
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VCCIO
Output supply voltage
3.0
3.6
V
VIH
High-level input voltage
1.7
4.1
V
VIL
Low-level input voltage
–0.5
0.7
V
II
Input pin leakage current
VIN = 0 V or VCCIO
–10
10
µA
VOH
High-level output voltage
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
IOL = 4 mA
0.45
V
Table 24. LVCMOS Specifications
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VCCIO
Power supply voltage range
3.0
3.6
V
VIH
High-level input voltage
1.7
4.1
V
VIL
Low-level input voltage
–0.5
0.7
V
II
Input pin leakage current
VIN = 0 V or VCCIO
–10
10
µA
VOH
High-level output voltage
VCCIO = 3.0,
IOH = –0.1 mA
VCCIO – 0.2
V
VOL
Low-level output voltage
VCCIO = 3.0,
IOL = 0.1 mA
0.2
V
Table 25. 2.5-V I/O Specifications
Note (10)
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VCCIO
Output supply voltage
2.375
2.625
V
VIH
High-level input voltage
1.7
4.1
V
VIL
Low-level input voltage
–0.5
0.7
V
II
Input pin leakage current
VIN = 0 V or VCCIO
10
10
µA
VOH
High-level output voltage
IOH = –0.1 mA
2.1
V
IOH = –1 mA
2.0
V
IOH = –2 mA
1.7
V
VOL
Low-level output voltage
IOL = 0.1 mA
0.2
V
IOH = 1 mA
0.4
V
IOH = 2 mA
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com