Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 53 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 53 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 49Page - Altera Corporation EP1M350 Datasheet HTML 50Page - Altera Corporation EP1M350 Datasheet HTML 51Page - Altera Corporation EP1M350 Datasheet HTML 52Page - Altera Corporation EP1M350 Datasheet HTML 53Page - Altera Corporation EP1M350 Datasheet HTML 54Page - Altera Corporation EP1M350 Datasheet HTML 55Page - Altera Corporation EP1M350 Datasheet HTML 56Page - Altera Corporation EP1M350 Datasheet HTML 57Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
Altera Corporation
53
Mercury Programmable Logic Device Family Data Sheet
13
Open-Drain Output
Mercury devices provide an optional open-drain (equivalent to an open-
collector) output for each I/O pin. This open-drain output enables the
device to provide system-level control signals (e.g., interrupt and write
enable signals) that can be asserted by any of several devices.
Slew-Rate Control
The output buffer for each Mercury device I/O pin has a programmable
output slew rate control that can be configured for low-noise or high-
speed performance. A faster slew rate provides high-speed transitions for
high-performance systems. However, these fast transitions may introduce
noise transients into the system. A slow slew rate reduces system noise,
but adds a nominal delay to rising and falling edges. Each I/O pin has an
individual slew rate control, allowing the designer to specify the slew rate
on a pin-by-pin basis. The slew rate control affects both the rising and
falling edges.
Table 11. Programmable Drive Strength
I/O Standard
IOH/IOL Current Strength
Setting
LVTTL (3.3 V)
4 mA
8 mA
12 mA
16 mA
24 mA (default)
LVTTL (2.5 V)
4 mA
8 mA
12 mA
16 mA (default)
LVTTL (1.8 V)
2 mA
4 mA (default)
SSTL-3 class I and II
SSTL-2 class I and II
HSTL class I and II
GTL+ (3.3 V)
Minimum
Maximum (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com