Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 25 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 25 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 21Page - Altera Corporation EP1M350 Datasheet HTML 22Page - Altera Corporation EP1M350 Datasheet HTML 23Page - Altera Corporation EP1M350 Datasheet HTML 24Page - Altera Corporation EP1M350 Datasheet HTML 25Page - Altera Corporation EP1M350 Datasheet HTML 26Page - Altera Corporation EP1M350 Datasheet HTML 27Page - Altera Corporation EP1M350 Datasheet HTML 28Page - Altera Corporation EP1M350 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
Altera Corporation
25
Mercury Programmable Logic Device Family Data Sheet
13
Figure 11. Multiplier Mode LE
Notes to Figure 11:
(1)
LABCLKENA1
cannot be used in multiplier mode.
(2)
When the RapidLAB output is used, local interconnect outputs are unavailable.
The basis for the high-speed 16
× 16-bit multiplier in a Mercury device is
the binary tree multiplier. In the first stage of the binary tree, the
multiplicand bits, a[15:0], and the multiplier bits, b[15:0], are
multiplied together. The results of the first stage are sixteen 16-bit partial
products, a[15:0]b[15], a[15:0]b[14], . . . a[15:0]b[0]. The
partial products are then grouped into pairs and added together in the
second stage. In a similar fashion, the results of the previous stage are
grouped in pairs and then added forming the binary tree structure seen in
Figure 12.
LAB Carry-In
Carry-In0
Carry-In1
Carry-Out0
Carry-Out1
LAB Carry-Out
CLRN
DQ
ENA
Registered
Sum Output
Combinatorial
Sum Output
Combinatorial
Sum Output
Programmable
Inverter
Programmable
Inverter
A
N
B
M + 1
Programmable
Inverter
Programmable
Inverter
A
N + 1
B
M
Full
Adder
LAB-Wide Clock
Enable Signals (1)
Partial Product
Generation
RapidLAB
Interconnect (2)
LE Output
LE Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com