Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M350 Datasheet(PDF) 73 Page - Altera Corporation

Part # EP1M350
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M350 Datasheet(HTML) 73 Page - Altera Corporation

Back Button EP1M350 Datasheet HTML 69Page - Altera Corporation EP1M350 Datasheet HTML 70Page - Altera Corporation EP1M350 Datasheet HTML 71Page - Altera Corporation EP1M350 Datasheet HTML 72Page - Altera Corporation EP1M350 Datasheet HTML 73Page - Altera Corporation EP1M350 Datasheet HTML 74Page - Altera Corporation EP1M350 Datasheet HTML 75Page - Altera Corporation EP1M350 Datasheet HTML 76Page - Altera Corporation EP1M350 Datasheet HTML 77Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
Altera Corporation
73
Mercury Programmable Logic Device Family Data Sheet
13
Table 28. 3.3-V PCML Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
3.135
3.3
3.465
V
VIL
Low-level input voltage
VCCIO –
0.4
V
VIH
High-level input voltage
VCCIO
V
VOL
Low-level output voltage
VCCIO –
0.4
V
VOH
High-level output voltage
VCCIO
V
VT
Output termination voltage
VCCIO
V
VID
Differential input voltage
400
800
mV
VOD
Differential output voltage
400
700
800
mV
tR
Rise time (20 to 80%)
200
ps
tF
Fall time (20 to 80%)
200
ps
tDSKEW
Differential skew
25
ps
R1 (11)
Output load
90
100
110
Ω
R2 (11)
Receiver differential input
resistor
45
50
55
Ω
Table 29. LVPECL Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
3.135
3.3
3.465
V
VIL
Low-level input voltage
0
2,000
mV
VIH
High-level input voltage
400
2,470
mV
VOL
Low-level output voltage
1,400
1,650
mV
VOH
High-level output voltage
2,275
2,470
mV
VID
Differential input voltage
400
600
1,200
mV
VOD
Differential output voltage
525
1,050
1,200
mV
tR
Rise time (20 to 80%)
85
325
ps
tF
Fall time (20 to 80%)
85
325
ps
tDSKEW
Differential skew
25
ps
RL
Receiver differential input
resistor
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com